công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC5238 bảng dữ liệu(PDF) 1 Page - Micrel Semiconductor

tên linh kiện MIC5238
Giải thích chi tiết về linh kiện  Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238 bảng dữ liệu(HTML) 1 Page - Micrel Semiconductor

  MIC5238 Datasheet HTML 1Page - Micrel Semiconductor MIC5238 Datasheet HTML 2Page - Micrel Semiconductor MIC5238 Datasheet HTML 3Page - Micrel Semiconductor MIC5238 Datasheet HTML 4Page - Micrel Semiconductor MIC5238 Datasheet HTML 5Page - Micrel Semiconductor MIC5238 Datasheet HTML 6Page - Micrel Semiconductor MIC5238 Datasheet HTML 7Page - Micrel Semiconductor MIC5238 Datasheet HTML 8Page - Micrel Semiconductor MIC5238 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 2003
1
MIC5238
MIC5238
Micrel
MIC5238
Ultra-Low Quiescent Current, 150mA
µCap LDO Regulator
General Description
The MIC5238 is an ultra-low voltage output, 150mA LDO
regulator. Designed to operate in a single supply or dual
supply mode, the MIC5238 consumes only 23
µA of bias
current, improving efficiency. When operating in the dual
supply mode, the efficiency greatly improves as the higher
voltage supply is only required to supply the 23
µA bias
current while the output and base drive comes off of the much
lower input supply voltage.
As a
µCap regulator, the MIC5238 operates with a 2.2µF
ceramic capacitor on the output, offering a smaller overall
solution. It also incorporates a logic-level enable pin that
allows the MIC5238 to be put into a zero off-current mode
when disabled.
The MIC5238 is fully protected with current limit and thermal
shutdown. It is offered in the IttyBitty™ SOT-23-5 package
with an operating junction temperature range of
–40
°C to +125°C.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
IttyBitty is a trademark of Micrel, Inc.
Features
• Ultra-low input voltage range: 1.5V to 6V
• Ultra-low output voltage: 1.1V minimum output voltage
• Low dropout voltage: 310mV at 150mA
• High output accuracy:
±2.0% over temperature
µCap: stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Zero shutdown current
• Reverse leakage protection
• Thermal shutdown and current limit protection
• IttyBitty™ SOT-23-5 package
Applications
• PDAs and pocket PCs
• Cellular phones
• Battery powered systems
• Low power microprocessor power supplies
Typical Application
15
2
34
COUT=2.2µF
ceramic
CIN
VBIAS=2.5V
EN
MIC5238-1.0BM5
VIN=1.5V
1.0V
CBIAS
OFF ON
Ultra-Low Voltage Application
Ordering Information
Part Number
Marking
Voltage*
Junction Temp. Range
Package*
MIC5238-1.1BM5
L411
1.1V
–40
°C to +125°C
SOT-23-5
MIC5238-1.3BM5
L413
1.3V
–40
°C to +125°C
SOT-23-5
MIC5238-1.1BD5
N411
1.1V
–40
°C to +125°C
TSOT-23-5
MIC5238-1.3BD5
N413
1.3V
–40
°C to +125°C
TSOT-23-5
* For other voltages and package option contact the factory


Số phần tương tự - MIC5238

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC5238-1.0BD5 MICREL-MIC5238-1.0BD5 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5238-1.0BM5 MICREL-MIC5238-1.0BM5 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5238-1.0YD5 MICREL-MIC5238-1.0YD5 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5238-1.0YM5 MICREL-MIC5238-1.0YM5 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5238-1.1BD5 MICREL-MIC5238-1.1BD5 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results

Mô tả tương tự - MIC5238

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
10mA Ultra-Low Quiescent Current uCap LDO
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com