| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM9627 bảng dữ liệu(PDF) 16 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM9627 bảng dữ liệu(HTML) 16 Page - National Semiconductor (TI) |
|
16 / 37 page ![]() Confidential 16 www.national.com Functional Description (continued) Figure 24. Partial and Full Frame Integration 7.3 Frame Rate Programming Guide The table bellow can be used as a guide for programming the sensor. Note that it is assumed that the sensor is being driven with a 48MHz clock. All programmed values are given in decimal. register vclkgen rdelayh rdelayl fdelayh fdelayl srows srowe dwlsb address 05hex 15hex 16hex 17hex 18hex 0Bhex 0Chex 12hex fps [10:8] [7:0] [11:8] [7:0] [8:1] [8:1] 30 4 0 0 0 9 0 251 50 15 4 0 0 2 40 0 251 50 7.5 4 0 0 6 12 0 251 50 3.75 4 3 12 6 12 0 251 50 25 4 0 172 0 0 0 251 50 12.5 5 0 0 1 226 0 251 50 6.25 5 0 0 5 188 0 251 50 3.125 4 0 156 14 14 0 251 50 5 4 2 255 4 23 0 251 50 4 5 0 0 10 12 0 251 50 3 5 0 0 14 14 0 251 50 2 6 0 200 13 248 0 251 50 1 6 3 241 15 126 0 251 50 Row x Programmable Row Delay Row CDS, Reset Row x & Shift Programmable Row Delay Row CDS, Reset Row x+ ∆ & Shift Partial Frame Integration Full Frame integration Row n Row 0 Row 1 Frame Row x+ ∆ Row n Frame Row 0 Full Integration Time Row 2 Frame N Delay Delay Partial Integration Time |