công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFBC40 bảng dữ liệu(PDF) 3 Page - Harris Corporation

tên linh kiện IRFBC40
Giải thích chi tiết về linh kiện  6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HARRIS [Harris Corporation]
Trang chủ  http://www.harris.com
Logo HARRIS - Harris Corporation

IRFBC40 bảng dữ liệu(HTML) 3 Page - Harris Corporation

  IRFBC40 Datasheet HTML 1Page - Harris Corporation IRFBC40 Datasheet HTML 2Page - Harris Corporation IRFBC40 Datasheet HTML 3Page - Harris Corporation IRFBC40 Datasheet HTML 4Page - Harris Corporation IRFBC40 Datasheet HTML 5Page - Harris Corporation IRFBC40 Datasheet HTML 6Page - Harris Corporation IRFBC40 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-3
IRFBC40, IRFBC42
Internal Drain Inductance
LD
Measured From the Drain
Lead, 6mm (0.25in) From
Package to Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
4.5
-
nH
Internal Source Inductance
LS
Measured From the
Source Lead, 6mm
(0.25in) From Header to
Source Bonding Pad
-
7.5
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
1.0
oC/W
Thermal Resistance Junction to Ambient
RθJA
Typical Socket Mount
-
-
80
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse
P-N Junction Diode
-
-
6.2
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
25
A
Diode Source to Drain Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 6.2A, VGS = 0V, (Figure 8)
-
-
1.5
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 6.2A, dISD/dt = 100A/µs
200
450
940
ns
Reverse Recovery Charge
QRR
TJ = 25
oC, I
SD = 6.2A, dISD/dt = 100A/µs
1.8
3.8
8.0
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 16mH, R
G = 25Ω, peak IAS = 6.8A. (Figures 15, 16).
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LS
LD
G
D
S
G
D
S
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
10
8
6
0
4
2
125
IRFBC40
150
IRFBC42



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com