công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0809082000 bảng dữ liệu(PDF) 92 Page - List of Unclassifed Manufacturers

tên linh kiện 0809082000
Giải thích chi tiết về linh kiện  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

0809082000 bảng dữ liệu(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button 0809082000 Datasheet HTML 88Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 89Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 90Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 91Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 92Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 93Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 94Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 95Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 164 page
background image
www.Rose-Bopla.com
90
Dimensions
Front
Panel
Inches
Dimensions
Front
Panel
mm
Accessories
Description
29400200 00
29300100 00
29500100 00
2.64
2.64
2.79
67
67
71
Mounting plate 2930
Wall-mount bracket (2 pieces with screws)
Cable gland M 25 x 1.5 (2950)
29310000 00
29600100 00
08100125 00
• Hand held enclosure for measurement control and automation engineering
• Robust design (Polyamide or Polyester)
• Versions with handle and integrated cable entry (2940, 2930 standard)
Mobile Controls Units 2930, 2940, 2950
Included in delivery
2930/2940: enclosure with handle, including cable gland
M 20 x 1.5, front panel with assembly screw and
wall-mount bracket.
2950: two-part Polyester enclosure with self-adhesive
aluminum front panel, enclosure screws and wall-mount
bracket
Technical Data
Material
Temperature Range
Ingress Protection
Gasket
Color
2930, 2940
2950
2930, 2940
2950
2930, 2940
2950
2930, 2940
2950
Polyamide
Polyester
-40°F to +140°F
-13°F to +194°F
IP 65 to EN 60529
IP 66 to EN 60529
Stamped foam rubber gasket
Round Neoprene gasket
Yellow, similar to RAL 1021
Part
Number
Mounting
Depth
mm
Mounting
Depth
Inches
Enclosure
Type
Dimensions
Including
Handle
mm
Dimensions
Including
Handle
Inches
W x L x H
W x L x H
W x H
W x H
2940
2930
2950
70 x 93 x 190
115 x 93 x 200
164 x 116 x 295
61 x 59
106 x 69
70 x 280
2.75 x 3.66 x 7.48
4.53 x 3.66 x 7.87
6.46 x 4.57 x 11.61
2.40 x 2.32
4.17 x 2.72
2.75 x 11.02
Part Number
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com