công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0809082000 bảng dữ liệu(PDF) 72 Page - List of Unclassifed Manufacturers

tên linh kiện 0809082000
Giải thích chi tiết về linh kiện  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

0809082000 bảng dữ liệu(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button 0809082000 Datasheet HTML 68Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 69Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 70Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 71Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 72Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 73Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 74Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 75Page - List of Unclassifed Manufacturers 0809082000 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 164 page
background image
www.Rose-Bopla.com
70
Accessories
186 x 131 x 81-103
186 x 131 x 81-103
161 x 166 x 71-93
161 x 166 x 71-93
161 x 166 x 99-121
161 x 166 x 99-121
185 x 213 x 82.5-104.5
185 x 213 x 82.5-104.5
217 x 257 x 110.5-132.5
217 x 257 x 110.5-132.5
261 x 296 x 110.5-132.5
261 x 296 x 110.5-132.5
281 x 296 x 136-158
281 x 296 x 136-158
318.6 x 363.4 x 128.5-150
318.6 x 363.4 x 128.2-150
7.32 x 5.16 x 3.19-4.05
7.32 x 5.16 x 3.19-4.05
6.34 x 6.53 x 2.79-3.66
6.34 x 6.53 x 2.79-3.66
6.34 x 6.53 x 3.90-4.76
6.34 x 6.53 x 3.90-4.76
7.28 x 8.38 x 3.25-4.11
7.28 x 8.38 x 3.25-4.11
8.54 x 10.12 x 4.35-5.22
8.54 x 10.12 x 4.35-5.22
10.27 x 11.65 x 4.35-5.22
10.27 x 11.65 x 4.35-5.22
11.06 x 11.65 x 5.35-6.22
11.06 x 11.65 x 5.35-6.22
12.54 x 14.31 x 5.06-5.90
12.54 x 14.31 x 5.06-5.90
• Wall enclosure system for use in measurement and control applications available in
8 basic sizes, each with 6 different designs
• To permit insertion of mounting plates and PCBs, all designs feature vertical and
horizontal grooves which ensure optimal unit assembly
• Terminal compartment can be separated from the actual electronics area by means of
integrated grooves with separating plates
Included in delivery
Enclosures with hinged lid and latch: Base, clear lid, hinged, clear lid, mounted with latch,
terminal compartment covers, screws, blind plug, catch.
Enclosures with covering frame: Base, covering frame, terminal compartment cover, screws
Enclosures with membrane front: Base, recessed front lid, terminal compartment cover,
screws, screw cover.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Disruptive Strength
Flammability
Light gray, similar to RAL 7035
ABS housing, crystal clear polycarbonate lid (Lexan 241A) VO version: Lexan 500 R
housing. Lexan 940 A lid. Special materials and colors can be supplied on request.
Minimum order quantities apply.
Up to IP 65, DIN EN 60529. NEMA 12
ABS, >1014 Ohm to DIN 53482. Polycarbonate, >1015 Ohm to DIN 53482
Polycarbonate 28 KV/mm to DIN 53481
UL 94 HB/1.6 - ABS enclosure material, clear polycarbonate lid. (Lexan 241 R) UL 94 V0 -
Lexan 500 R enclosure material, Lexan 940 A lid.
Model Number
With Hinged Lid
and Latch
Part Number
With Hinged Lid
and Latch
Part Number
With Membrane
Front
Part Number
With Covering
Frame
Model Number
With Covering
Frame
Model Number
With Membrane
Front
RCP 1300
RCPM 1300
RCP 1600
RCPM 1600
RCP 1700
RCPM 1700
RCP 2000
RCPM 2000
RCP 2500
RCPM 2500
RCP 3100
RCPM 3100
RCP 3500
RCPM 3500
RCP 4000
RCPM 4000
41130109 00
41131109 00
41160109 00
41161109 00
41170109 00
41171109 00
41200309 00
41201309 00
41250109 00
41251109 00
41310109 00
41311109 00
41350109 00
41351109 00
41400109 00
41401109 00
41130609 00
41131609 00
41160609 00
41161609 00
41170609 00
41171609 00
41200609 00
41201609 00
41250609 00
41251609 00
41310609 00
41311609 00
41350609 00
41351609 00
41400609 00
41401609 00
RCP 130 F
RCPM 130 F
RCP 160 F
RCPM 160 F
RCP 170 F
RCPM 170 F
RCP 200 F
RCPM 200 F
RCP 250 F
RCMP 250 F
RCP 310 F
RCPM 310 F
RCP 350 F
RCPM 350 F
RCP 400 F
RCPM 400 F
41130009 00
41131009 00
41160009 00
41161009 00
41170009 00
41171009 00
41200009 00
41201009 00
41250009 00
41251009 00
41310009 00
41311009 00
41350009 00
41351009 00
41400009 00
41401009 00
RCP 130
RCPM 130
RCP 160
RCPM 160
RCP 170
RCPM 170
RCP 200
RCPM 200
RCP 250
RCPM 250
RCP 310
RCPM 310
RCP 350
RCPM 350
RCP 400
RCPM 400
Dimensions
mm
Dimensions
Inches
RCP/RCPM
SHLO-302
RCP/RCPM-HK
RCP/RCPM-WL
RCP/RCPM 130 M
RCP/RCPM 160/170 M
RCP/RCPM 200 M
RCP/RCPM 250 M
RCP/RCPM 310 M/350M
RCP/RCPM 400 M
FAE 130
FAE 160/170
FAE 200
FAE 250
FAE 310/350
FAE 400
21008310 00
41002501 00
41000300 00
41000350 00
41000400 00
41000500 00
41000600 00
41000700 00
41000800 00
27000100 00
27000300 00
27000500 00
27000700 00
27000900 00
27120000 00
Cylinder catch
Hand knob
Wall brackets (PU = 2 pieces)
Mounting plate
Mounting plate
Mounting plate
Mounting plate
Mounting plate
Mounting plate
Front panel, for enclosure 130/1300
Front panel, for enclosure 160/170
Front panel, for enclosure 200
Front panel, for enclosure 250
Front panel, for enclosure 310/350
Front panel, for enclosure 400
Model
Number
Part
Number
Version
H x W x D
H x W x D
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
RCPM Version = Metric size knock outs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com