công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD5.241 bảng dữ liệu(PDF) 18 Page - PULS GmbH

tên linh kiện CD5.241
Giải thích chi tiết về linh kiện  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULS [PULS GmbH]
Trang chủ  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241 bảng dữ liệu(HTML) 18 Page - PULS GmbH

Back Button CD5.241 Datasheet HTML 14Page - PULS GmbH CD5.241 Datasheet HTML 15Page - PULS GmbH CD5.241 Datasheet HTML 16Page - PULS GmbH CD5.241 Datasheet HTML 17Page - PULS GmbH CD5.241 Datasheet HTML 18Page - PULS GmbH CD5.241 Datasheet HTML 19Page - PULS GmbH CD5.241 Datasheet HTML 20Page - PULS GmbH CD5.241 Datasheet HTML 21Page - PULS GmbH CD5.241 Datasheet HTML 22Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
CD5.241
CD-Series
DC/DC Converter 24V, 5A
21. APPLICATION NOTES
21.1. PEAK CURRENT CAPABILITY
Solenoids, contactors and pneumatic modules often have a steady state coil and a pick-up coil. The inrush current
demand of the pick-up coil is several times higher than the steady-state current and usually exceeds the nominal
output current (including the PowerBoost) The same situation applies, when starting a capacitive load.
Branch circuits are often protected with circuit breakers or fuses. In case of a short or an overload in the branch circuit,
the fuse needs a certain amount of over-current to trip or to blow. The peak current capability ensures the safe
operation of subsequent circuit breakers.
Assuming the input voltage is turned on before such an event, the built-in large sized output capacitors inside the
DC/DC converter can deliver extra current. Discharging this capacitor causes a voltage dip on the output. The following
two examples show typical voltage dips:
Fig. 21-1 Peak loading with 2x the nominal
current for 50ms, typ.
Fig. 21-2 Peak loading with 4x the nominal
current for 5ms, typ.
Output
Voltage
24V
18/22
10ms/DIV
Output
Current
0A
10A
18V
24V
Output
Voltage
Output
Current
0A
1ms/DIV
20A
11.5V
Peak load 10A (resistive load) for 50ms
Output voltage dips from 24V to 18V.
Peak load 20A (resistive load) for 5ms
Output voltage dips from 24V to 11.5V.
21.2. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the DC/DC converter. This feature is also
called return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This DC/DC converter is resistant and does not show malfunctioning when a load feeds back voltage to the DC/DC
converter. It does not matter, whether the DC/DC converter is on or off.
The maximum allowed feed-back-voltage is 30Vdc. The absorbing energy can be calculated according to the built-in
large sized output capacitance which is specified in chapter 5.
21.3. INDUCTIVE AND CAPACITIVE LOADS
The unit is designed to supply any kind of loads, including unlimited capacitive and inductive loads.
Mar. 2016 / Rev. 1.5 DS-CD5.241-EN
All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com