công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD5.241 bảng dữ liệu(PDF) 17 Page - PULS GmbH

tên linh kiện CD5.241
Giải thích chi tiết về linh kiện  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULS [PULS GmbH]
Trang chủ  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241 bảng dữ liệu(HTML) 17 Page - PULS GmbH

Back Button CD5.241 Datasheet HTML 13Page - PULS GmbH CD5.241 Datasheet HTML 14Page - PULS GmbH CD5.241 Datasheet HTML 15Page - PULS GmbH CD5.241 Datasheet HTML 16Page - PULS GmbH CD5.241 Datasheet HTML 17Page - PULS GmbH CD5.241 Datasheet HTML 18Page - PULS GmbH CD5.241 Datasheet HTML 19Page - PULS GmbH CD5.241 Datasheet HTML 20Page - PULS GmbH CD5.241 Datasheet HTML 21Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CD5.241
CD-Series
DC/DC Converter 24V, 5A
20. ACCESSORIES
ZM1.WALL Wall mounting bracket
This bracket is used to mount specific Dimension units onto a flat surface without utilizing a DIN-Rail. The two
aluminum brackets and the black plastic slider of the unit have to be removed, so that the two steel brackets can be
mounted.
Fig. 20-1 ZM1.WALL Wall mounting bracket
Fig. 20-2 Assembled wall mounting bracket *)
*)
Picture of the DC/DC converter is for representation only
ZM11.SIDE Side mounting bracket
This bracket is used to mount Dimension units sideways with or without utilizing a DIN-Rail. The two aluminum
brackets and the black plastic slider of the unit have to be detached, so that the steel brackets can be mounted.
For sideway DIN-rail mounting, the removed aluminum brackets and the black plastic slider need to be mounted on
the steel bracket.
Fig. 20-3
ZM11.SIDE Side mounting bracket *)
Fig. 20-4
Side mounting with DIN-rail brackets *)
*)
Picture of the DC/DC converter is for representation only
Mar. 2016 / Rev. 1.5 DS-CD5.241-EN
All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com