công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1G06DBVR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC1G06DBVR
Giải thích chi tiết về linh kiện  SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G06DBVR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74LVC1G06DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G06DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G06DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74LVC1G06
SINGLE INVERTER BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES295N – JUNE 2000 – REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Supports 5-V VCC Operation
D Input and Open-Drain Output Accept
Voltages Up To 5.5 V
D Max tpd of 4 ns at 3.3 V
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
This single inverter buffer/driver is designed for 1.65-V to 5.5-V VCC operation.
NanoStar
 and NanoFree package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
The output of the SN74LVC1G06 device is open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 32 mA.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
–40 C to 85 C
NanoStar
 – WCSP (DSBGA)
0.17-mm Small Bump – YEA
Reel of 3000
SN74LVC1G06YEAR
_ _ _CT_
–40 C to 85 C
NanoFree
 – WCSP (DSBGA)
0.17-mm Small Bump – YZA (Pb-free)
Reel of 3000
SN74LVC1G06YZAR
_ _ _CT_
–40 C to 85 C
NanoStar
 – WCSP (DSBGA)
0.23-mm Large Bump – YEP
Reel of 3000
SN74LVC1G06YEPR
_ _ _CT_
–40
°C to 85°C
NanoFree
 – WCSP (DSBGA)
0.23-mm Large Bump – YZP (Pb-free)
SN74LVC1G06YZPR
SOT (SOT-23) – DBV
Reel of 3000
SN74LVC1G06DBVR
C06_
SOT (SOT-23) – DBV
Reel of 250
SN74LVC1G06DBVT
C06_
SOT (SC-70) – DCK
Reel of 3000
SN74LVC1G06DCKR
CT_
SOT (SC-70) – DCK
Reel of 250
SN74LVC1G06DCKT
CT_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code,
and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar and NanoFree are trademarks of Texas Instruments.
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
A
GND
VCC
Y
DNU – Do not use
3
2
1
4
5
GND
A
DNU
Y
VCC
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Số phần tương tự - SN74LVC1G06DBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74LVC1G06DBVR TI-SN74LVC1G06DBVR Datasheet
674Kb / 17P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DBVR TI1-SN74LVC1G06DBVR Datasheet
1Mb / 24P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DBVR TI1-SN74LVC1G06DBVR Datasheet
1Mb / 30P
Single Inverter Buffer/Driver
SN74LVC1G06DBVR TI1-SN74LVC1G06DBVR Datasheet
1Mb / 41P
Single Inverter Buffer/Driver With Open-Drain Output
logo
TECH PUBLIC Electronics...
SN74LVC1G06DBVR TECHPUBLIC-SN74LVC1G06DBVR Datasheet
4Mb / 8P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
More results

Mô tả tương tự - SN74LVC1G06DBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06_08 Datasheet
674Kb / 17P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06_09 Datasheet
508Kb / 12P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
74LVC1G06_1010 DIODES-74LVC1G06_1010 Datasheet
247Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
74LVCE1G06_1012 DIODES-74LVCE1G06_1012 Datasheet
248Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06DBVTG4 TI1-SN74LVC1G06DBVTG4 Datasheet
1Mb / 24P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI1-SN74LVC1G06_18 Datasheet
1Mb / 41P
Single Inverter Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com