| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA2200ARUZ bảng dữ liệu(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA2200ARUZ bảng dữ liệu(HTML) 16 Page - Analog Devices |
|
16 / 25 page ![]() Data Sheet ADA2200 INPUT AND OUTPUT AMPLIFIERS Single-Ended Configurations If a single-ended input configuration is desired, the input signal must have a common-mode voltage near midsupply. Decouple the other inputs to the common-mode voltage of the input signal. Note that differences between the common-mode levels between the INP and INN inputs result in an offset voltage inside the device. Even though the BPF removes the offset, minimize the offset to avoid reducing the available signal swing internal to the device. For single-ended outputs, either OUTP or OUTN can be used. Leave the unused output floating. Differential Configurations Using the ADA2200 in differential mode utilizes the full dynamic range of the device and provides the best noise performance and common-mode rejection. Rev. 0 | Page 15 of 24 |