| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9142ABCPZ bảng dữ liệu(PDF) 55 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9142ABCPZ bảng dữ liệu(HTML) 55 Page - Analog Devices |
|
55 / 73 page ![]() AD9142A Data Sheet INTERRUPT SELECT0 REGISTER Address: 0x07, Reset: 0x00, Name: IRQ_SEL0 Table 32. Bit Descriptions for IRQ_SEL0 Bits Bit Name Settings Description Reset Access 6 SEL_SYNC_LOST 0 Selects the IRQ1 pin. 0 RW 1 Selects the IRQ2 pin. 5 SEL_SYNC_LOCKED 0 Selects the IRQ1 pin. 0 RW 1 Selects the IRQ2 pin. 4 SEL_SYNC_DONE 0 Selects the IRQ1 pin. 0 RW 1 Selects the IRQ2 pin. 3 SEL_PLL_LOST 0 Selects the IRQ1 pin. 0 RW 1 Selects the IRQ2 pin. 2 SEL_PLL_LOCKED 0 Selects the IRQ1 pin. 0 RW 1 Selects the IRQ2 pin. 1 SEL_OVER_THRESHOLD 0 Selects the IRQ1 pin. 0 RW 1 Selects the IRQ2 pin. 0 SEL_DACOUT_MUTED 0 Selects the IRQ1 pin. 0 RW INTERRUPT SELECT1 REGISTER Address: 0x08, Reset: 0x00, Name: IRQ_SEL1 Table 33. Bit Descriptions for IRQ_SEL1 Bits Bit Name Settings Description Reset Access 7 SEL_PARITY_FAIL 1 Selects the IRQ2 pin. 0 RW 0 Selects the IRQ1 pin. 6 SEL_SED_FAIL 1 Selects the IRQ2 pin. 0 RW 0 Selects the IRQ1 pin. 5 SEL_DLL_WARNING 0 Selects the IRQ1 pin. 0 RW 4 SEL_DLL_LOCKED 1 Selects the IRQ2 pin. 0 RW 0 Selects the IRQ1 pin. 2 SEL_FIFO_UNDERFLOW 1 Selects the IRQ2 pin. 0 RW 0 Selects the IRQ1 pin. 1 SEL_FIFO_OVERFLOW 1 Selects the IRQ2 pin. 0 RW 0 Selects the IRQ1 pin. 0 SEL_FIFO_WARNING 1 Selects the IRQ2 pin. 0 RW 0 Selects the IRQ1 pin. FRAME MODE REGISTER Address: 0x09, Reset: 0x00, Name: FRAME_MODE Table 34. Bit Descriptions for FRAME_MODE Bits Bit Name Description Reset Access 5 PARUSAGE Must set to 1 when parity is used 0 RW 4 FRMUSAGE Must set to 1 when frame is used. 0 RW [1:0] FRAME_PIN_USAGE 0 = no effect. 1 = parity. 2 = frame. 3 = reserved. 0x0 RW Rev. A | Page 54 of 72 |