công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADE9078EBZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện EVAL-ADE9078EBZ
Giải thích chi tiết về linh kiện  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  EVAL-ADE9078EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
High Performance, Polyphase
Energy Metering AFE
Data Sheet
ADE9078
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
7 high performance analog-to-digital converters (ADCs)
101 dB signal-to-noise ratio (SNR)
10,000:1 dynamic range
Wide input range: ±1 V, 0.707 V rms full scale
Differential inputs
±25 ppm/°C maximum channel temperature drift (including
ADC, internal VREF, and PGA drift) enabling Class 0.2
meters with standard external components
Power quality measurements
Line frequency: 1 measurement per phase
Zero crossing detection, zero-crossing timeout
Phase angle measurements
Supports current transformers (CTs) and Rogowski coil
(di/dt) sensors
Multiple range phase/gain compensation for CTs
Digital integrator for Rogowski coils
Flexible waveform buffer
Able to resample waveform to ensure 64 points per line
cycle for ease of external harmonic analysis
Events can trigger waveform storage
Simplifies data collection for IEC 61000-4-7 harmonic analysis
Advanced metrology feature set
Total active power, volt-amperes reactive (VAR), volt-
amperes (VA), watthour, VAR-hour, and VA-hour
Fundamental VAR and VAR-hour
Current and voltage rms per phase (xIRMS, xVRMS)
Supports active energy standards: IEC 62053-21,
IEC 62053-22; EN50470-3; OIML R46, ANSI C12.20
Supports reactive energy standards: IEC 62053-23,
IEC 62053-4
High speed communication port
10 MHz serial peripheral interface (SPI)
APPLICATIONS
Polyphase meters
Power quality monitoring
Protective device
GENERAL DESCRIPTION
The ADE90781 is a highly accurate, fully integrated energy
metering device. Interfacing with both current transformer
(CT) and Rogowski coil sensors, the ADE9078 enables users to
develop a 3-phase metrology platform, which achieves high
performance for Class 1 up to Class 0.2 meters.
FUNCTIONAL BLOCK DIAGRAM
SINC4
AND
DECIMATION
LDO
1.25V
REFERENCE
CF1
TO CF4
IRQ0
IRQ1
SPI
ADE9078
PGA
ADC
PGA
ADC
PGA
ADC
PGA
ADC
PGA
ADC
PGA
ADC
PGA
ADC
METROLOGY FEATURES
(PER PHASE)
IRMS, VRMS
ACTIVE POWER, VA
WATTHOUR, VA-Hr
WAVEFORM BUFFER
LINE FREQUENCY
ETC.
Figure 1.
The ADE9078 integrates seven high performances ADCs and a
flexible DSP core. An integrated high end reference ensures low
drift over temperature with a combined drift of less than
±25 ppm/°C maximum per channel, each of which includes a
programmable gain amplifier (PGA) and ADC.
The ADE9078 offers an integrated flexible waveform buffer that
stores samples at a fixed data rate or a sampling rate that varies
based on line frequency to ensure 64 points per line cycle. These
two options make it easy to implement harmonic analysis in an
external processor according to IEC 61000-4-7.
Two power modes are provided to enable detection of meter
tampering: PSM2 uses a low power comparator to compare
current channels to a threshold and indicates whether it is
exceeded on the IRQ0 and IRQ1 outputs; PSM1 enables fast
measurement of current and voltage rms (xVRMS and xIRMS),
active power, and VAR during a tamper.
The ADE9078 allows advanced and highly accurate energy
measurements, enabling one platform to cover a wide range of
meters, through a combination of various high end metrology
features and superior analog performance.
1
Protected by U.S. Patents 5,952,849; 6,873,065; 7,075,329; 6,262,600; 7,489,526; 7,558,080. Other patents are pending.


Số phần tương tự - EVAL-ADE9078EBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
EVAL-ADE9000EBZ AD-EVAL-ADE9000EBZ Datasheet
1,004Kb / 73P
High Performance, Multiphase Energy Power Quality Monitoring IC
Rev. A
More results

Mô tả tương tự - EVAL-ADE9078EBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
HIGH PERFORMANCE VCXO
Revision 120505
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
High Performance High Performance
July, 2006 ??Rev. 3
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
High-performance
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
High Performance
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
High Performance
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
HIGH-PERFORMANCE
SI4464 SILABS-SI4464 Datasheet
859Kb / 56P
HIGH-PERFORMANCE
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
High performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
High-performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More