công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADE9078EBZ bảng dữ liệu(PDF) 74 Page - Analog Devices

tên linh kiện EVAL-ADE9078EBZ
Giải thích chi tiết về linh kiện  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ bảng dữ liệu(HTML) 74 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 70Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 71Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 72Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 73Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 74Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 75Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 76Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 77Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 73 of 107
SCLK
MOSI
MISO
MISO
SS
CMD_HDR = 0x8018
VA AT 0x801
CRC, 16 BITS
0
0
15
0
BURST_EN = 0
ADDRESS 0x800 TO 0xFFF
BURST_CHAN = 1111
BURST_EN = 1
ADDRESS 0x800 TO 0xFFF
BURST_CHAN = 1111
15
0
IA AT 0x801
15
15
15
VA AT 0x801
0
15
0
IA AT 0x801 VA AT 0x801
15
0
IA AT 0x801
15
Figure 113. Waveform Buffer SPI Single Address Read of Resampled Data with BURST_CHAN = 1111
SPI CRC when Reading the Waveform Buffer
When reading fixed data rate samples with WF_CAP_SEL = 1,
data read out of the waveform buffer has a CRC calculated,
which is stored into the CRC_SPI register and can be read back
after the waveform buffer burst read.
When reading a single address of waveform buffer data, the
CRC_SPI is calculated and appended after the 32-bit data, as
shown in Figure 112.
Note that when reading resampled data out of the waveform
buffer, when WF_CAP_SEL = 0, the CRC _RSLT register is not
updated. It is recommended to read the waveform buffer a
second time to check the integrity of the SPI read data.
SPI Last Data Register when Reading the Waveform
Buffer
If BURST_CHAN = 1111, the LAST_DATA_32 register is
updated after reading a sample in the waveform buffer.
Note that the LAST_DATA_32 register is not updated when
reading the waveform buffer samples if BURST_CHAN is not
equal to 1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com