| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9DB108 bảng dữ liệu(PDF) 10 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB108 bảng dữ liệu(HTML) 10 Page - Integrated Circuit Systems |
|
10 / 15 page ![]() 10 Integrated Circuit Systems, Inc. ICS9DB108 0723D—01/08/04 SMBus Table: DEVICE ID Pin # Name Control Function Type 0 1 PWD Bit 7 RW 0 Bit 6 RW 0 Bit 5 RW 0 Bit 4 RW 0 Bit 3 RW 1 Bit 2 RW 0 Bit 1 RW 0 Bit 0 RW 0 SMBus Table: Byte Count Register Pin # Name Control Function Type 0 1 PWD Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 0 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 0 Bit 0 BC0 RW - - 1 - - - - - Byte 5 - - - Byte 6 - Writing to this register configures how many bytes will be read back. - - - - - - - Device ID 6 Reserved Device ID 7 (MSB) Reserved Device ID 5 Reserved Device ID 4 Reserved Device ID 3 Reserved Device ID 0 Reserved Device ID 2 Reserved Device ID 1 Reserved |