| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P83C366 bảng dữ liệu(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366 bảng dữ liệu(HTML) 75 Page - NXP Semiconductors |
|
75 / 92 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 19 SPECIAL FUNCTION REGISTERS ADDRESS MAP The SFRs are presented in ascending address order in Table 89 to aid designer/programmers quick reference. Table 89 SFRs address map ADDRESS NAME 76543210 80H(1) P0 latch P07 P06 P05 P04 P03 P02 P01 P00 81H(1) Stack Pointer (SP) SP7 SP6 SP5 SP4 SP3 SP2 SP1 SP0 82H(1) Data Pointer Low (DPL) DPL7 DPL6 DPL5 DPL4 DPL3 DPL2 DPL1 DPL0 83H(1) Data Pointer High (DPH) DPH7 DPH6 DPH5 DPH4 DPH3 DPH2 DPH1 DPH0 86H I2C-bus Port Control Register (I2CCON) −−−−− I2CE −− 87H(1) Power Control Register (PCON) −−− WLE GF1 GF0 0 IDL 88H(1) Timer/Counter Control Register (TCON) TF1 TR1 TF0 TR0 IE1 IT1 IE0 IT0 89H(1) Timer/Counter Mode Control Register (TMOD) Gate C/T M1 M0 Gate C/T M1 M0 8AH(1) Timer 0 Low byte (TL0) TL07 TL06 TL05 TL04 TL03 TL02 TL01 TL00 8BH(1) Timer 1 Low byte (TL1) TL17 TL16 TL15 TL14 TL13 TL12 TL11 TL10 8CH(1) Timer 0 High byte (TH0) TH07 TH06 TH05 TH04 TH03 TH02 TH01 TH00 8DH(1) Timer 1 High byte (TH1) TH17 TH16 TH15 TH14 TH13 TH12 TH11 TH10 90H(1) P1 latch P17 P16 P15 P14 P13 P12 P11 P10 98H P5 latch P57 P56 P55 P54 P53 P52 P51 P50 99H OSD Attribute Register (OSAT) −−− T4 T3 T2 − T0 9AH OSD Character Data Register (OSDT) C7 C6 C5 C4 C3 C2 C1 C0 9BH OSD Address Register (OSAD) AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 9CH OSD Default Register (OSDDEF) R G B − SV SH M1 M0 A0H(1) P2 latch P27 P26 P25 P24 P23 P22 P21 P20 A8H(1) Interrupt Enable Register 0 (IEN0) EA − ES1 − ET1 EX1 ET0 EX0 B0H(1) P3 latch −−−− P33 P32 P31 P30 B8H(1) Interrupt Priority Register 0 (IP0) −− PS1 − PT1 PX1 PT0 PX0 C0H Interrupt Request Register 1 (IRQ1) IQ9 − IQ7 IQ6 IQ5 IQ4 IQ3 IQ2 C1H OSD Control Register 1 (OSCON) Split Mesh Mode Hp Vp Bp BF OSDE C2H OSD Vertical Start Register (OSORGV) −− VP5 VP4 VP3 VP2 VP1 VP0 C3H OSD Horizontal Start Register (OSORGH) − HP6 HP5 HP4 HP3 HP2 HP1 HP0 C4H OSD PLL Register (OSPLL) PLL7 PLL6 PLL5 PLL4 PLL3 PLL2 PLL1 PLL0 C5H OSD Start Register (OSSTART) START7 START6 START5 START4 START3 START2 START1 START0 |