| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P83C366 bảng dữ liệu(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366 bảng dữ liệu(HTML) 51 Page - NXP Semiconductors |
|
51 / 92 page ![]() 1999 Mar 10 51 Philips Semiconductors Product specification Microcontrollers for PAL/SECAM TV with OSD and VST P8xCx66 family 17.3.3 OSD VERTICAL START REGISTER (OSORGV) Table 54 OSD Vertical Start Register (SFR address C2H) Table 55 Description of OSORGV bits 76543210 −− VP5 VP4 VP3 VP2 VP1 VP0 BIT SYMBOL DESCRIPTION 7 − These 2 bits are not used. 6 − 5 VP5 Vertical starting position selection. These 6 bits select the vertical starting position of the OSD. 1 of 63 starting positions may be selected. The reference point of the vertical starting position is the leading edges of VSYNCP and HSYNCP. The vertical starting position (VP) is calculated as follows: Where (VP5 → VP0) is the decimal value of the contents of OSORGV and (VP5 → VP0) ≥ 1. 4 VP4 3 VP3 2 VP2 1 VP1 0 VP0 Fig.31 Active R, G, B and FB polarity control. handbook, full pagewidth FB (R, G, B) pin Bp = 0 (active LOW) FB (R, G, B) pin Bp = 1 (active HIGH) character display intervals character display intervals MGL283 VP 4 VP5 VP0 → () horizontal scan lines × × = |