công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE564 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện NE564
Giải thích chi tiết về linh kiện  Operation with single 5V supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE564 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

  NE564 Datasheet HTML 1Page - NXP Semiconductors NE564 Datasheet HTML 2Page - NXP Semiconductors NE564 Datasheet HTML 3Page - NXP Semiconductors NE564 Datasheet HTML 4Page - NXP Semiconductors NE564 Datasheet HTML 5Page - NXP Semiconductors NE564 Datasheet HTML 6Page - NXP Semiconductors NE564 Datasheet HTML 7Page - NXP Semiconductors NE564 Datasheet HTML 8Page - NXP Semiconductors NE564 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
NE/SE564
Phase-locked loop
1994 Aug 31
7
APPLICATIONS
FM Demodulator
The NE564 can be used as an FM demodulator. The connections
for operation at 5V and 12V are shown in Figures 7 and 8,
respectively. The input signal is AC coupled with the output signal
being extracted at Pin 14. Loop filtering is provided by the
capacitors at Pins 4 and 5 with additional filtering being provided by
the capacitor at Pin 14. Since the conversion gain of the VCO is not
very high, to obtain sufficient demodulated output signal the
frequency deviation in the input signal should be 1% or higher.
Modulation Techniques
The NE564 phase-locked loop can be modulated at either the loop
filter ports (Pins 4 and 5) or the input port (Pin 6) as shown in Figure
9. The approximate modulation frequency can be determined from
the frequency conversion gain curve shown in Figure 10. This curve
will be appropriate for signals injected into Pins 4 and 5 as shown in
Figure 9.
LOCK RANGE ADJUSTMENT
FM INPUT
BIAS
LOOP FILTER
ANALOG OUT
POST
FREQUENCY SET CAP
1k
1k
12V
80pF
1kHz
.01
µF
0.01
µF
0.1
µF
0.01
µF
I2
0.47
µF
fO = 5MHz
fM = 1kHz
fO = 5MHz
6
7
3
1
810
9
12
13
14
15
5
4
11
2
16
.01
µF
200
564
DETECTION
FILTER
FILTER
SR01032
Figure 8. FM Demodulator at 12V
FSK Demodulation
The 564 PLL is particularly attractive for FSK demodulation since it
contains an internal voltage comparator and VCO which have TTL
compatible inputs and outputs, and it can operate from a single 5V
power supply. Demodulated DC voltages associated with the mark
and space frequencies are recovered with a single external
capacitor in a DC retriever without utilizing extensive filtering
networks. An internal comparator, acting as a Schmitt trigger with
an adjustable hysteresis, shapes the demodulated voltages into
compatible TTL output levels. The high-frequency design of the 564
enables it to demodulate FSK at high data rates in excess of 1.0M
baud.
Figure 10 shows a high-frequency FSK decoder designed for input
frequency deviations of +1.0MHz centered around a free-running
frequency of 10.8MHz. the value of the timing capacitance required
was estimated from Figure 8 to be approximately 40pF. A trimmer
capacitor was added to fine tune fO’ 10.8MHz.
MODULATING
FREQUENCY SET CAP
1k
2k
5V
5V
80pF
.01
µF
I2
0.47
µF
fO = 5MHz
6
7
3
1
810
9
12
13
14
15
5
4
11
2
16
564
MODULATED OUTPUT
(TTL)
5V
FINE FREQUENCY
ADJUSTMENT
INPUT
1kHz
1kHz
1k
SR01033
Figure 9. Modulator
The lock range graph indicates that the +1.0MHz frequency
deviations will be within the lock range for input signal levels greater
than approximately 50mV with zero Pin 2 bias current. (While
strictly this figure is appropriate only for 50MHz, it can be used as a
guide for lock range estimates at other fO’ frequencies).
The hysteresis was adjusted experimentally via the 10k
Ω
potentiometer and 2k
Ω bias arrangement to give the waveshape
shown in Figure 12 for 20k, 500k, 2M baud rates with square wave
FSK modulation. Note the magnitude and phase relationships of the
phase comparators’ output voltages with respect to each other and
to the FSK output. The high-frequency sum components of the input
and VCO frequency also are viable as noise on the phase
comparator’s outputs.
OUTLINE OF SETUP PROCEDURE
1. Determine operating frequency of the VCO: IF
÷ N in feedback
loop, then
fO = N x fIN.
2. Calculate value of the VCO frequency set capacitor:
CO ≅
1
2200 fO
3. Set I2 (current sinking into Pin 2) for ≅ 100µA. After operation is
obtained, this value may be adjusted for best dynamic behavior,
and replace with fixed resistor value of R2 =
V
CC * 1.3V
I
B
2
.
4. Check VCO output frequency with digital counter at Pin 9 of
device (loop open, VCO to
φ det.). Adjust CO trim or frequency
adj. Pins 4 - 5 for exact center frequency, if needed.
5. Close loop and inject input signal to Pin 6. Monitor Pins 3 and 6
with two-channel scope. Lock should occur with
∆φ3 - 6 equal to
90o (phase error).



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com