| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC34C60 bảng dữ liệu(PDF) 42 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
PPC34C60 bảng dữ liệu(HTML) 42 Page - SMSC Corporation |
|
42 / 58 page ![]() SMSC DS – PPC34C60 Page 42 Rev. 06/01/2001 ADVANCED INFORMATION FIGURE 14 - SPP NIBBLE READ (PARALLEL PORT SIGNALS) This signaling sequence pertains to a device that has been previously selected to communicate via SPP Mode. This timing sequence deviates from that specified in the P1284 specification. It is implemented in a way that requires less host software overhead and therefore affords higher bandwidth. The timing shown is for a nibble read of a 16 bit wide resource (DRAM or peripheral BUS). See SPP Nibble Read Timing parameters. t2 t4 t5 t6 t4 t5 t6 t4 t5 t6 t4 t1 t7 t8 t3 t3 t3 t3 BIT D3 BIT D7 BIT D2 BIT D6 BIT D1 BIT D5 BIT D0 BIT D4 BIT D8 BIT D9 BIT D10 BIT D11 BIT D12 BIT D13 BIT D14 BIT D15 nSTB H nALF H nSEL H nINIT H BSY P nACK P PE P SCLT P nERR P |