| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KT1007TLD bảng dữ liệu(PDF) 4 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KT1007TLD bảng dữ liệu(HTML) 4 Page - COSMO Electronics Corporation |
|
4 / 10 page ![]() Cosmo Electronics Corp. Document No. 69P00006.3 - 4 - http://www.cosmo-ic.com cosmo KT1000 Series 4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER Classification table of current transfer ratio is shown below. CTR Rank CTR ( % ) KT1005 50 TO 150 KT1006 100 TO 300 KT1007 80 TO 160 KT1008 130 TO 260 KT1009 200 TO 400 KT1000 50 TO 600 Fig.1 Current Transfer Ratio vs. Forward Current 1 2 5 2 0 5 0 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 3 5 0 4 0 0 4 5 0 5 0 0 Ta=25 ℃ 0 1 0 V =5V 0 . 5 CE Forward Current IF (mA) Fig.2 Collector Power Dissipation vs. Ambient Temperature Fig.3 Collector Dark Current vs. Ambient Temperature 50 100 0 -55 0 150 200 25 55 75 100 125 250 115 10 10 -5 5 -1 1 -1 0 10 10 10 -9 -8 -7 50 25 0 7 5 100 -6 -5 C E V = 2 0 V 10 10 -2 5 Ambient Temperature Ta (℃) Ambient Temperature Ta (℃) Fig.4 Forward Current vs. Ambient Temperature Fig.5 Forward Current vs. Forward Voltage 60 10 -55 0 20 025 30 40 50 50 75 100 125 20 1.0 0.5 0 1 2 5 10 3.0 2.5 2.0 1.5 500 100 50 200 Ta=75 ℃ 50 ℃ 25 ℃ 0 ℃ -25 ℃ Ambient Temperature Ta (℃) Forward Voltage VF (V) |