| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KT1007TLD bảng dữ liệu(PDF) 3 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KT1007TLD bảng dữ liệu(HTML) 3 Page - COSMO Electronics Corporation |
|
3 / 10 page ![]() Cosmo Electronics Corp. Document No. 69P00006.3 - 3 - http://www.cosmo-ic.com cosmo KT1000 Series 4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Rating Unit Input Forward current IF 50 mA Peak forward current IFP 1 A Reverse voltage VR 6 V Power dissipation PD 100 mW Output Collector-Emitter voltage VCEO 80 V Emitter-Collector voltage VECO 7 V Collector current IC 50 mA Collector power dissipation PC 150 mW Total power dissipation Ptot 250 mW Isolation voltage 1 minute Viso 5000 Vrms Operating temperature Topr -55 to +100 ℃ Storage temperature Tstg -55 to +125 ℃ Soldering temperature 10 second Tsol 260 ℃ Electro-optical Characteristics (Ta=25℃) Parameter Symbol Conditions Min. Typ. Max. Unit Input Forward voltage VF IF=20mA – 1.2 1.4 V Reverse current IR VR=4V – – 10 uA Terminal capacitance Ct V=0, f=1KHZ – 30 250 pF Output Collector dark current ICEO VCE=20V, IF=0 – – 0.1 uA Collector-Emitter breakdown voltage BVCEO Ic=0.1mA, IF=0 80 - - V Emitter-Collector breakdown voltage BVECO IE=100uA, IF=0 7 - - V Transfer charac- teristics Current transfer ratio CTR IF=5mA, VCE=5V 50 – 600 % IF=1mA, VCE=5V 15 Collector-emitter saturation voltage VCE(sat) IF=10mA, Ic=1mA – 0.1 0.3 V Isolation resistance Riso DC500V, 40 to 60%RH 5x10 10 10 11 – Ω Floating capacitance Cf V=0, f=1MHZ – 0.6 1.0 pF Response time (Rise) tr Vcc=2V,Ic=2mA,RL=100Ω – 5 – us Response time (Fall) tf – 4 – us |