công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-35740C01A-K8T2U bảng dữ liệu(PDF) 9 Page - Seiko Instruments Inc

tên linh kiện S-35740C01A-K8T2U
Giải thích chi tiết về linh kiện  Operation temperature range
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35740C01A-K8T2U bảng dữ liệu(HTML) 9 Page - Seiko Instruments Inc

Back Button S-35740C01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
Rev.1.1_00
S-35740 Series
9
AC Electrical Characteristics
Table 8 Measurement Conditions
0.8
× VDD
Input pulse voltage
Output reference voltage
0.2
× VDD
0.7
× VDD
0.3
× VDD
Figure 8 Input / Output Waveform during AC Measurement
Input pulse voltage
VIH = 0.8
× VDD,
VIL = 0.2
× VDD
Input pulse rise / fall time
20 ns
Output reference voltage
VOH = 0.7
× VDD,
VOL = 0.3
× VDD
Output load
100 pF
Table 9 AC Electrical Characteristics
(Ta =
−40°C to +125°C)
Item
Symbol
VDD = 1.8 V to 2.5 V
VDD = 2.5 V to 5.5 V
Unit
Min.
Max.
Min.
Max.
SCL clock frequency
fSCL
0
400
0
1000
kHz
SCL clock "L" time
tLOW
1.3
0.4
μs
SCL clock "H" time
tHIGH
0.6
0.3
μs
SDA output delay time
*1
tAA
0.9
0.5
μs
Start condition set-up time
tSU.STA
0.6
0.25
μs
Start condition hold time
tHD.STA
0.6
0.25
μs
Data input set-up time
tSU.DAT
100
80
ns
Data input hold time
tHD.DAT
0
0
ns
Stop condition set-up time
tSU.STO
0.6
0.25
μs
SCL, SDA rise time
tR
0.3
0.3
μs
SCL, SDA fall time
tF
0.3
0.3
μs
Bus release time
tBUF
1.3
0.5
μs
Noise suppression time
tl
50
50
ns
*1. Since the output form of the SDA pin is Nch open-drain output, the SDA output delay time is determined by the values
of the load resistance and load capacitance outside the IC. Figure 10 shows the relationship between the output load
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com