công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-35740C01A-K8T2U bảng dữ liệu(PDF) 8 Page - Seiko Instruments Inc

tên linh kiện S-35740C01A-K8T2U
Giải thích chi tiết về linh kiện  Operation temperature range
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35740C01A-K8T2U bảng dữ liệu(HTML) 8 Page - Seiko Instruments Inc

Back Button S-35740C01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35740C01A-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S-35740 Series
Rev.1.1_00
8
DC Electrical Characteristics
Table 7
(Ta =
−40°C to +125°C, VSS = 0 V unless otherwise specified)
(Crystal oscillator (NX3215SA, CL = 6.0 pF) manufactured by Nihon Dempa Kogyo Co., Ltd.)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current
consumption 1
*1
IDD1
VDD = 3.0 V,
Ta =
−40°C to +85°C,
Out of communication,
ENBL pin = VSS,
INT pin = no load
1.7
3.0
μA
VDD = 3.0 V, Ta =
+125°C,
Out of communication,
ENBL pin = VSS,
INT pin = no load
2.7
4.5
μA
Current
consumption 2
IDD2
VDD = 3.0 V,
Ta =
−40°C to +85°C,
Out of communication,
ENBL pin = VDD,
INT pin output = 1.024 kHz,
INT pin = no load
*1
0.2
0.38
μA
VDD = 3.0 V, Ta =
+125°C,
Out of communication,
ENBL pin = VDD,
INT pin output = 1.024 kHz,
INT pin = no load
*1
0.7
0.98
μA
VDD = 3.0 V,
Ta =
−40°C to +85°C,
Out of communication,
ENBL pin = VDD,
INT pin output = 1.024 kHz,
INT pin = no load
*2
0.35
0.55
μA
VDD = 3.0 V, Ta =
+125°C,
Out of communication,
ENBL pin = VDD,
INT pin output = 1.024 kHz,
INT pin = no load
*2
1.0
1.4
μA
Current
consumption 3
IDD3
VDD = 3.0 V, fSCL = 1 MHz,
During communication,
ENBL pin = VDD,
INT pin = no load
170
300
μA
High level input
leakage current
IIZH
SDA, SCL, ENBL VIN = VDD
−0.5
0.5
μA
Low level input
leakage current
IIZL
SDA, SCL, ENBL VIN = VSS
−0.5
0.5
μA
High level output
leakage current
IOZH
SDA, INT
*1
VOUT = VDD
−0.5
0.5
μA
Low level output
leakage current
IOZL
SDA, INT
*1
VOUT = VSS
−0.5
0.5
μA
High level input
voltage
VIH
SDA, SCL, ENBL
0.7
× VDD
VSS
+ 5.5
V
Low level input
voltage
VIL
SDA, SCL, ENBL
VSS
− 0.3
0.3
× VDD
V
High level output
voltage
*2
VOH
INT
IOH =
−0.4 mA
0.8
× VDD
V
Low level output
voltage
VOL
SDA, INT
IOL = 2.0 mA
0.4
V
*1. When Nch open-drain output is selected.
*2. When CMOS output is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com