| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GXB2000 bảng dữ liệu(PDF) 36 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
GXB2000 bảng dữ liệu(HTML) 36 Page - Sony Corporation |
|
36 / 60 page ![]() SS-7 GXB2000 1-3-11. GS command (4 DOP threshold value settings (up to 99 (63HEX) max.)) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 3 4 5 6 7 8 9 10 10101010 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 0xxxxxxx 11011010 Header PDOP threshold value when D-GPS is on HDOP threshold value when D-GPS is on PDOP threshold value when D-GPS is off HDOP threshold value when D-GPS is off Terminator. "Z" + 80HEX — 64 50 135 114 — AA 00 40 00 32 01 07 00 72 DA Example After receiving the above command, the GPS side sends this command as a response. 1-3-12. DMD command (DARC data input mode) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 10101011 11011010 Header Terminator. "Z" + 80HEX — — AB DA Example No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 10101100 11011010 Header Terminator. "Z" + 80HEX — — AC DA Example After receiving the above command, the GPS side sends this command as a response. 1-3-13. DMR command (RTCM data input mode) After receiving the above command, the GPS side sends this command as a response. |