| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GXB2000 bảng dữ liệu(PDF) 21 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
GXB2000 bảng dữ liệu(HTML) 21 Page - Sony Corporation |
|
21 / 60 page ![]() S-13 GXB2000 No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 3 10101101 0xxxxxxx 11011010 Header Expanded output on/off setting 0: Off 1: On Terminator. "Z" + 80H — 1 — AD 01 DA Example No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 3 10101111 0xxxxxxx 11011010 Header Current time mode setting 0: UTC 1: JST Terminator. "Z" + 80H — 1 — AF 01 DA Example After receiving the above command, the GPS side sends this command as a response. 1-3-15. SW command (eliminate ephemeris and warm start) 1-3-14. EX command (expanded output mode on/off) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 10101110 11011010 Header Terminator. "Z" + 80H — — AE DA Example After receiving the above command, the GPS side sends this command as a response. 1-3-16. TC command (current time mode setting) After receiving the above command, the GPS side sends this command as a response. |