| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTPH245 bảng dữ liệu(PDF) 27 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
LTPH245 bảng dữ liệu(HTML) 27 Page - Seiko Instruments Inc |
|
27 / 64 page ![]() 3-14 Table 3-6 Blocks and Activated Heat Elements Block Number Heat Element Number Dots / DST 1 1 - 64 64 2 65 - 128 64 3 129 - 192 64 4 193 - 256 64 5 257 - 320 64 6 321 - 384 64 3.5.2 Printed Position of the Data Data dots from 1 to 384 which are transferred through DAT are printed as shown in Figure 3-8. Figure 3-8 Printed Position of the Data LTPH245 PRINTER MECHANISM 1 2 3 4 5 6 ............................ 382 383 384 PAPER FEED DIRECTION PRINT SURFACE DATA PRINT SEQUENCE PAPER DATA INPUT SEQUENCE 1 2 3 4 5 6 . . . . . . 382 383 384 DATA IN |