| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTPH245 bảng dữ liệu(PDF) 25 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
LTPH245 bảng dữ liệu(HTML) 25 Page - Seiko Instruments Inc |
|
25 / 64 page ![]() 3-12 3.5 THERMAL HEAD 3.5.1 Structure of the Thermal Head As shown in Figure 3-7, the thermal head of the printer consists of 384 heat elements, and head drivers to drive the heat elements. Serial printing data input from the DAT terminal is transferred to the shift register synchronously with the CLK signal, then stored in the latch register with the timing of the LATCH signal. Inputting the head activation signal (DST 1 to 6) activates heat elements in accordance with the printing data stored in the latch register. A maximum of six division printing is available for the printer. Table 3-7 shows the relationship between DST signals and heat elements. |