công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9363ABCZ bảng dữ liệu(PDF) 28 Page - Analog Devices

tên linh kiện AD9363ABCZ
Giải thích chi tiết về linh kiện  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ bảng dữ liệu(HTML) 28 Page - Analog Devices

Back Button AD9363ABCZ Datasheet HTML 24Page - Analog Devices AD9363ABCZ Datasheet HTML 25Page - Analog Devices AD9363ABCZ Datasheet HTML 26Page - Analog Devices AD9363ABCZ Datasheet HTML 27Page - Analog Devices AD9363ABCZ Datasheet HTML 28Page - Analog Devices AD9363ABCZ Datasheet HTML 29Page - Analog Devices AD9363ABCZ Datasheet HTML 30Page - Analog Devices AD9363ABCZ Datasheet HTML 31Page - Analog Devices AD9363ABCZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9363
Data Sheet
Rev. D | Page 28 of 32
THEORY OF OPERATION
GENERAL
The AD9363 is a highly integrated radio frequency (RF)
transceiver capable of being configured for a wide range of
applications. The device integrates all RF, mixed-signal, and
digital blocks necessary to provide all transceiver functions in a
single device. Programmability allows this broadband transceiver
to be adapted for use with multiple communication standards,
including FDD and TDD systems. This programmability also
allows the device to interface to various BBPs using a single 12-
bit parallel data port, dual 12-bit parallel data ports, or a 12-bit
low voltage differential signaling (LVDS) interface.
The AD9363 also provides self calibration and AGC systems to
maintain a high performance level under varying temperatures
and input signal conditions. In addition, the device includes
several test modes that allow system designers to insert test tones
and create internal loopback modes to debug their designs
during prototyping and optimize their radio configuration for a
specific application.
RECEIVER
The receiver section contains all blocks necessary to receive RF
signals and convert them to digital data that is usable by a BBP.
Two independently controlled channels can receive signals from
different sources, allowing the device to be used in multiple
input, multiple output (MIMO) systems while sharing a
common frequency synthesizer.
Each channel has three inputs that can be multiplexed to the
signal chain, making the AD9363 suitable for use in diversity
systems with multiple antenna inputs. The receiver is a direct
conversion system that contains a low noise amplifier (LNA)
followed by matched in-phase (I) and quadrature (Q) amplifiers,
mixers, and band shaping filters that downconvert received
signals to baseband for digitization. External LNAs can also
be interfaced to the device, allowing designers the flexibility to
customize the receiver front end for their specific application.
Gain control is achieved by following a preprogrammed gain
index map that distributes gain among the blocks for optimal
performance at each level. This gain control can be achieved by
enabling the internal AGC in either fast or slow mode or by
using manual gain control, allowing the BBP to make the gain
adjustments as needed. Additionally, each channel contains
independent RSSI measurement capability, dc offset tracking,
and all circuitry necessary for self calibration.
The receivers include 12-bit, sigma-delta (Σ-Δ) ADCs and adjust-
able sample rates that produce data streams from the received
signals. The digitized signals can be conditioned further by a
series of decimation filters and a fully programmable 128-tap
FIR filter with additional decimation settings. The sample rate
of each digital filter block can also be adjusted by changing the
decimation factors to produce the desired output data rate.
TRANSMITTER
The transmitter section consists of two identical and indepen-
dently controlled channels that provide all digital processing,
mixed-signal, and RF blocks necessary to implement a direct
conversion system while sharing a common frequency synthe-
sizer. The digital data received from the BBP passes through a
fully programmable 128-tap FIR filter with interpolation options.
The FIR output is sent to a series of interpolation filters that
provide additional filtering and data rate interpolation prior to
reaching the DAC. Each 12-bit DAC has an adjustable sampling
rate. Both the I and Q channels are fed to the RF block for
upconversion.
After being converted to baseband analog signals, the I and Q
signals are filtered to remove sampling artifacts and provide band
shaping, and then they are passed to the upconversion mixers.
At this point, the I and Q signals are recombined and modulated
on the carrier frequency for transmission to the output stage.
The output stage provides attenuation control that provides a
range of output levels while keeping the output impedance at 50 Ω.
A wide range of attenuation adjustment with fine granularity is
included to help designers optimize SNR.
Self calibration circuitry is included in the transmit channel to
provide internal adjustment capability. The transmitter also
provides a Tx monitor block that receives the transmitter output
and routes it back through an unused receiver channel to the
BBP for signal monitoring. The Tx monitor blocks are available
only in TDD mode operation while the receiver is idle.
CLOCK INPUT OPTIONS
The AD9363 uses a reference clock provided by an external
oscillator or clock distribution device (such as the AD9548)
connected to the XTALN pin. The frequency of this reference
clock can vary from 10 MHz to 80 MHz. This reference clock
supplies the synthesizer blocks that generate all data clocks,
sample clocks, and local oscillators inside the device.
SYNTHESIZERS
RF PLLs
The AD9363 contains two identical synthesizers to generate the
required LO signals for the RF signal paths—one for the receiver
and one for the transmitter. PLL synthesizers are fractional N
designs that incorporate completely integrated VCOs and loop
filters. In TDD mode, the synthesizers turn on and off as appropri-
ate for the Rx and Tx frames. In FDD mode, the Tx PLL and the
Rx PLL can be activated at the same time. These PLLs require no
external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com