| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESDA05V35 bảng dữ liệu(PDF) 1 Page - Diotech Company. |
|
|
|||||||||||||||||||||||||||||
ESDA05V35 bảng dữ liệu(HTML) 1 Page - Diotech Company. |
|
1 / 3 page ![]() ESDA05V35 TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION General Description The ESDA05V35 is mo nolithic suppressor designed to protect components connected to data and transmission lines against ESD. This device clamps the voltage just above the logic level supply for positive transients and to a diode drop below ground for negative transients. Applications Computers Printers Communication systems Cellular phones handsets and accessories Wireline and wireless telephone sets Set top boxes Features 5 Unidirectional Transil functions Low leakage current: < 1 μA High integration Complies with the following standards IEC61000-4-2 Lev el 4 15 kV (air discharge) 8 kV(contact discharge) MIL STD 883E - Method 3015-7 Class 3 25 kV HBM (Human Body Model) Functional diagram SOT-363 ESDA05V35 Absolute Ratings (T amb=25°C ) Symbol Parameter Value Units PPP Peak Pulse Power(tp = 8/20μs) 150 W TL Maximum lead temperature for soldering during 10s 260 °C Tstg Storage Temperature Range -40 to +125 °C Top Operating Temperature Range -40 to +125 °C Electrical Parameter Symbol Parameter IPP Maximum Reverse Peak Pulse Current VC Clamping Voltage @ IPP VRWM Working Peak Reverse Voltage IR Maximum Reverse Leakage Current @ VRWM IT Test Current VBR Breakdown Voltage @ IT IF Forward Current VF Forward Voltage @ IF |
Số phần tương tự - ESDA05V35 |
|
Mô tả tương tự - ESDA05V35 |