| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 316 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 316 Page - Cirrus Logic |
|
316 / 392 page ![]() WM8281 316 Rev 4.0 PIN NO NAME TYPE RESET STATUS DBVDD2 power domain K9 AIF2BCLK Digital Input / Output Digital input J8 AIF2RXDAT Digital Input Digital input J9 AIF2LRCLK Digital Input / Output Digital input K8 AIF2TXDAT Digital Output Digital output L12 CIF2SCLK Digital Input Digital input K10 CIF2SDA Digital Input / Output Digital input J10 GPIO2 Digital Input / Output Digital input, Pull-down to DGND H9 SPKCLK1 Digital Output Digital output H8 SPKCLK2 Digital Output Digital output H10 SPKDAT1 Digital Output Digital output H7 SPKDAT2 Digital Output Digital output F9 TCK Digital Input Digital input, Pull-down to DGND F8 TDI Digital Input Digital input, Pull-down to DGND K11 TDO Digital Output Digital output F7 TMS Digital Input Digital input, Pull-down to DGND F6 TRST Digital Input Digital input, Pull-down to DGND DBVDD3 power domain K7 AIF3BCLK Digital Input / Output Digital input H4 AIF3RXDAT Digital Input Digital input J7 AIF3LRCLK Digital Input / Output Digital input H5 AIF3TXDAT Digital Output Digital output H6 GPIO3 Digital Input / Output Digital input, Pull-down to DGND Table 129 WM8281 Digital I/O Status in Reset Note that the dual function INnLP/DMICCLKn and INnRP/DMICDATn pins default to their respective analogue input functions after Power-On Reset is completed. The analogue input functions are referenced to the MICVDD power domain. |