| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 294 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 294 Page - Cirrus Logic |
|
294 / 392 page ![]() WM8281 294 Rev 4.0 Figure 75 Single Register Read from Specified Address Device ID S A Address Byte [3] (0) A MSByte Data 0 A LSByte Data 0 A Written to 'Register Address' A MSByte Data N A LSByte Data N A P Written to 'Register Address+N' A MSByte Data N-1 A LSByte Data N-1 Written to 'Register Address+N-1' Address Byte [2] A RW Address Byte [1] A Address Byte [0] A MSByte Data 1 A LSByte Data 1 A Written to 'Register Address+1' Figure 76 Multiple Register Write to Specified Address using Auto-increment Sr Device ID S A Address Byte [3] (0) A Device ID A (1) Read from 'Register Address' MSByte Data 0 LSByte Data 0 A A P MSByte Data N LSByte Data N A A A MSByte Data N-1 LSByte Data N-1 A A Read from 'Register Address+N' Read from 'Register Address+N-1' Address Byte [2] A RW RW Address Byte [1] A Address Byte [0] A Figure 77 Multiple Register Read from Specified Address using Auto-increment Device ID A P MSByte Data N (1) LSByte Data N A S A A MSByte Data 0 LSByte Data 0 A A MSByte Data N-1 LSByte Data N-1 A A Read from 'Last Register Address' Read from 'Register Address+N' Read from 'Register Address+N-1' MSByte Data 1 LSByte Data 1 A A Read from 'Register Address+1' RW Figure 78 Multiple Register Read from Last Address using Auto-increment Continuous read and write modes enable multiple register operations to be scheduled faster than is possible with single register operations. The auto-increment function supports selectable address increments for each successive register access. This function is controlled using the I2Cn_AUTO_INC registers (where ‘n’ identifies the associated interface, CIF1 or CIF2). Auto-increment (by 1) is enabled by default, as described in Table 113. |