| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 165 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 165 Page - Cirrus Logic |
|
165 / 392 page ![]() WM8281 Rev 4.0 165 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R3109 (0C25h) Misc Pad Ctrl 6 5 AIF3LRCLK_PU 0 AIF3LRCLK Pull-Up Control 0 = Disabled 1 = Enabled Note - when AIF3LRCLK_PD and AIF3LRCLK_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF3LRCLK pin. 4 AIF3LRCLK_PD 0 AIF3LRCLK Pull-Down Control 0 = Disabled 1 = Enabled Note - when AIF3LRCLK_PD and AIF3LRCLK_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF3LRCLK pin. 3 AIF3BCLK_PU 0 AIF3BCLK Pull-Up Control 0 = Disabled 1 = Enabled Note - when AIF3BCLK_PD and AIF3BCLK_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF3BCLK pin. 2 AIF3BCLK_PD 0 AIF3BCLK Pull-Down Control 0 = Disabled 1 = Enabled Note - when AIF3BCLK_PD and AIF3BCLK_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF3BCLK pin. 1 AIF3RXDAT_PU 0 AIF3RXDAT Pull-Up Control 0 = Disabled 1 = Enabled Note - when AIF3RXDAT_PD and AIF3RXDAT_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF3RXDAT pin. 0 AIF3RXDAT_PD 0 AIF3RXDAT Pull-Down Control 0 = Disabled 1 = Enabled Note - when AIF3RXDAT_PD and AIF3RXDAT_PU are both set to ‘1’, then a ‘bus keeper’ function is enabled on the AIF3RXDAT pin. Table 48 AIF3 Digital Pull-Up and Pull-Down Control |