| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8281ECS/R bảng dữ liệu(PDF) 147 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8281ECS/R bảng dữ liệu(HTML) 147 Page - Cirrus Logic |
|
147 / 392 page ![]() WM8281 Rev 4.0 147 WM8281 Processor WM8281 or similar CODEC TXDAT LRCLK RXDAT BCLK TXDAT LRCLK RXDAT BCLK Figure 55 TDM with Processor as Master Note: The WM8281 is a 24-bit device. If the user operates the WM8281 in 32-bit mode then the 8 LSBs will be ignored on the receiving side and not driven on the transmitting side. It is therefore recommended to add a pull-down resistor if necessary to the RXDAT line and the TXDAT line in TDM mode. |