công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

176313 bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện 176313
Giải thích chi tiết về linh kiện  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

176313 bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  176313 Datasheet HTML 1Page - Tyco Electronics 176313 Datasheet HTML 2Page - Tyco Electronics 176313 Datasheet HTML 3Page - Tyco Electronics 176313 Datasheet HTML 4Page - Tyco Electronics 176313 Datasheet HTML 5Page - Tyco Electronics 176313 Datasheet HTML 6Page - Tyco Electronics 176313 Datasheet HTML 7Page - Tyco Electronics 176313 Datasheet HTML 8Page - Tyco Electronics 176313 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
108
108
108
108-
--
-5246
5246
5246
5246
Product Specification
Product Specification
Product Specification
Product Specification
製品規格
製品規格
製品規格
製品規格
06 JUL ’2010 Rev.L
タイコ エレクトロニクス ジャパン合同株式会社 (〒213-8535 川崎市高津区久本 3-5-8)
1 of 21
Tyco Electronics Japan G.K. (3-5-8 Hisamoto Takatsu-ku Kawasaki, 213-8535)
この文書の改版の確認は本社、支店へお問い合わせください。 This document is subject to change. Call local TE for the latest revision.
© Copyright 2010 by Tyco Electronics Japan G.K. All rights reserved.
* : 商標 Trademark
1.25 mm F-P connector (Board To Board)
1.
適用範囲
1.1 内容
本規格は基板対基板接続用コネクタで、1.25F-Pコネク
タの製品性能、試験方法、品質保証の必要条件を規定
している。
適用製品名と型番はFig.1-1,1-2,1-3,1-4の通りであ
る。
1.
Scope :
1.1
Contents
This specification covers the requirements for
product performance, test methods and quality
assurance provisions of AMP 1.25 F-P Connector
(Board To Board).
Applicable product descriptions and part numbers are
as shown in Fig.1-1,1-2,1-3,1-4.
2.
参考規格類
以下規格類は本規格中で規定する範囲内に於いて、
本規格の一部を構成する。万一本規格と製品図面の
間に不一致が生じた時は、製品図面を優先して適用
すること。万一本規格と参考規格類の間に不一致が
生じた時は、本規格を優先して適用すること。
2.
Applicable Documents:
The
following
documents
form
a
part
of
this
specification to the extent specified herein.
In the
event of conflict between the requirements of this
specification and the product drawing, the product
drawing shall take precedence.
In the event of
conflict
between
the
requirements
of
this
specification and the referenced documents, this
specification shall take precedence.
2.1 TE 規格
A.
411-5546
:取扱説明書
B.
501-5205
:試験報告書
2.1
TE Specifications :
A.
411-5546
Instruction Sheet
B.
501-5205
Test Report
2.2 民間団体規格
A.
MIL-STD-202 : 電子電気部品の試験方法
2.2 Commercial Standards and pecifications :
A.
MIL-STD-202 : Test Methods for Electronic and
Electrical Component Parts.
3.
一般必要条件
3.
Requirements :
3.1 設計と構造
製品は該当製品図面に規定された設計、構造、物理
的寸法をもって製造されていること。
3.1
Design and Construction :
Product shall be of the design, construction and
physical dimensions specified on the applicable
product drawing.


Số phần tương tự - 176313

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
1763139 PHOENIX-1763139 Datasheet
821Kb / 16P
MDSTBV 2,5/20-G1 - PCB header
More results

Mô tả tương tự - 176313

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
This specification covers the performance requirements for silicon, general purpose,
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance...
logo
ATTEND Technology Inc.
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115H ATTEND-115H Datasheet
149Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115H-BA00.
2013/08/05
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com