| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HY29F080 bảng dữ liệu(PDF) 37 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HY29F080 bảng dữ liệu(HTML) 37 Page - Hynix Semiconductor |
|
37 / 38 page ![]() 37 Rev. 6.1/May 01 HY29F080 ORDERING INFORMATION Hynix products are available in several speeds, packages and operating temperature ranges. The ordering part number is formed by combining a number of fields, as indicated below. Refer to the ‘Valid Combinations’ table, which lists the configurations that are planned to be supported in volume. Please contact your local Hynix representative or distributor to confirm current availability of specific configura- tions and to determine if additional configurations have been released. VALID COMBINATIONS Note: 1. The complete part number is formed by appending the suffix shown in the table to the Device Number. For example, the part number for a 90 ns, Commercial temperature range device in the TSOP package is HY29F080T-90. d e e p S d n a e g a k c a P P O S P P O S T P O S T e s r e v e R e r u t a r e p m e T s n 0 7 s n 0 9 s n 0 2 1 s n 0 7 s n 0 9 s n 0 2 1 s n 0 7 s n 0 9 s n 0 2 1 l a i c r e m m o C0 7 - G0 9 - G2 1 - G0 7 - T0 9 - T2 1 - T0 7 - R0 9 - R2 1 - R 0 8 0 F 9 2 Y H X - XXX S N O I T C U R T S N I L A I C E P S E G N A R E R U T A R E P M E T = k n a l B) C ° 0 7 + o t 0 ( l a i c r e m m o C N O I T P O D E E P S = 0 7 = 0 9 = 2 1 s n 0 7 s n 0 9 s n 0 2 1 E P Y T E G A K C A P = G = T = R ) P O S P ( e g a k c a P e n il t u O ll a m S c i t s a l P n i P - 4 4 ) P O S T ( e g a k c a P e n il t u O ll a m S n i h T n i P - 0 4 h t i w ) P O S T ( e g a k c a P e n il t u O ll a m S n i h T n i P - 0 4 t u o n i P e s r e v e R R E B M U N E C I V E D = 0 8 0 F 9 2 Y He s a r E r o t c e S y l n O t l o V - 5 S O M C ) 8 x M 1 ( t i b a g e M 8 y r o m e M h s a l F |