| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HY29F080 bảng dữ liệu(PDF) 34 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HY29F080 bảng dữ liệu(HTML) 34 Page - Hynix Semiconductor |
|
34 / 38 page ![]() 34 Rev. 6.1/May 01 HY29F080 AC CHARACTERISTICS 0x555 for Program 0x2AA for Erase PA for Program SA for Sector Erase 0x555 for Chip Erase t WS t RH t WH CE# OE# Addresses t WC VA t AS t AH WE# Data RY/BY# t DS Status D OUT t BUSY t WHWH1 or t WHWH2 or t WHWH3 t DH 0xA0 for Program 0x55 for Erase PD for Program 0x30 for Sector Erase 0x10 for Chip Erase RESET# t CP t CPH t GHEL Notes: 1. PA = program address, PD = program data, VA = Valid Address for reading program or erase status (see Write Operation Status section), D OUT = array data read at VA. 2. Illustration shows the last two cycles of the program or erase command sequence and the last status read cycle. 3. Word mode addressing shown. 4. RESET# shown only to illustrate t RH measurement references. It cannot occur as shown during a valid command sequence. Figure 23. Alternate CE# Controlled Write Operation Timings |