| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP37231 bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP37231 bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 144 page ![]() 2014-2016 Microchip Technology Inc. DS20005322D-page 17 MCP37231/21-200 AND MCP37D31/21-200 TABLE 1-3: DATA OUTPUT PINS FOR EACH RESOLUTION OPTION ADC Resolution Output Pin Name Q15/ Q7+ Q14/ Q7- Q13/ Q6+ Q12/ Q6- Q11/ Q5+ Q10/ Q5- Q9/ Q4+ Q8/ Q4- Q7/ Q3+ Q6/ Q3- Q5/ Q2+ Q4/ Q2- Q3/ Q1+ Q2/ Q1- Q1/ Q0+ Q0/ Q0- DM1/ DM+ DM2 /DM- 18-bit mode Q15 pin is MSb (bit 17), and DM2 is LSb (bit 0) 16-bit mode Q15 pin is MSb, and Q0 is LSb Not used(2) 14-bit mode(1) Q15 pin is MSb, and Q2 is LSb Not used(2) 12-bit mode Q15 pin is MSb, and Q4 is LSb Not used(2) 10-bit mode Q15 pin is MSb, and Q6 is LSb Not used(2) Note 1: The MCP37221-200 and MCP37D21-200 devices have the 14-bit mode option only, while the MCP37231- 200 and MCP37D31-200 have all listed resolution options. 2: Output condition at “not-used” output pin: -‘0’ in CMOS mode. Leave these pins floating. - High Z state in LVDS mode |