công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN89730 bảng dữ liệu(PDF) 191 Page - Microchip Technology

tên linh kiện LAN89730
Giải thích chi tiết về linh kiện  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 bảng dữ liệu(HTML) 191 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 187Page - Microchip Technology LAN89730 Datasheet HTML 188Page - Microchip Technology LAN89730 Datasheet HTML 189Page - Microchip Technology LAN89730 Datasheet HTML 190Page - Microchip Technology LAN89730 Datasheet HTML 191Page - Microchip Technology LAN89730 Datasheet HTML 192Page - Microchip Technology LAN89730 Datasheet HTML 193Page - Microchip Technology LAN89730 Datasheet HTML 194Page - Microchip Technology LAN89730 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 191
LAN89730
6.5.14
INTERRUPT MASK REGISTER
Index (In Decimal):
30
Size:
16 bits
Bits
Description
Type
Default
15:8
RESERVED
RO
-
7:1
Mask Bits
These bits mask the corresponding interrupts in the Interrupt Source Flag
Register.
0 = Interrupt source is masked.
1 = Interrupt source is enabled.
R/W
0000000b
0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More