công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN89730 bảng dữ liệu(PDF) 103 Page - Microchip Technology

tên linh kiện LAN89730
Giải thích chi tiết về linh kiện  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 bảng dữ liệu(HTML) 103 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 99Page - Microchip Technology LAN89730 Datasheet HTML 100Page - Microchip Technology LAN89730 Datasheet HTML 101Page - Microchip Technology LAN89730 Datasheet HTML 102Page - Microchip Technology LAN89730 Datasheet HTML 103Page - Microchip Technology LAN89730 Datasheet HTML 104Page - Microchip Technology LAN89730 Datasheet HTML 105Page - Microchip Technology LAN89730 Datasheet HTML 106Page - Microchip Technology LAN89730 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 103
LAN89730
In this state, the MAC can optionally be programmed to detect a Wake On LAN event or Magic Packet event.
GPIO events can be programmed to cause wakeup in this state. If GPIO7 signals the event, the PHY Link Up Enable
(PHY_LINKUP_EN) bit of the General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE) may be examined
to determined whether a PHY Link Up event or Pin event occurred.
The host may take the device out of the SUSPEND0 state at any time.
4.11.2.3
SUSPEND1
This state is entered from the NORMAL state when the device is suspended and the SUSPEND_MODE field in the
Power Management Control Register (PMT_CTL) is set to 01b.
Refer to Section 4.12.2.1, "Enabling GPIO Wake Events", and Section 4.12.2.3, "Enabling Link Status Change (Energy
Detect) Wake Events" for detailed instructions on how to program events that cause resumption from the SUSPEND1
state.
In this state, the Ethernet PHY can be optionally programmed for energy detect. GPIO events can also be programmed
to cause wakeup in this state.
The host may take the device out of the SUSPEND1 state at any time.
4.11.2.4
SUSPEND2
This state is entered from the NORMAL state when the device is suspended and the SUSPEND_MODE field in the
Power Management Control Register (PMT_CTL) is set to 10b. SUSPEND2 is the default suspend mode.
Refer to Section 4.12.2.1, "Enabling GPIO Wake Events" for detailed instructions on how to program events that cause
resumption from the SUSPEND2 state.
This state consumes the least amount of power. In this state, the device may only be awakened by the host or GPIO
assertion.
The state of the Ethernet PHY is lost when entering SUSPEND2. Therefore, host must reinitialize the PHY after the
device returns to the NORMAL state.
4.11.2.5
SUSPEND3
This state is entered from the NORMAL state when the device is suspended and the SUSPEND_MODE field in the
Power Management Control Register (PMT_CTL) is set to 11b.
Refer to Section 4.12.2.1, "Enabling GPIO Wake Events", Section 4.12.2.4, "Enabling External PHY Link Up Wake
Events" and Section 4.12.2.5, "Enabling Good Frame Wake Events" for detailed instructions on how to program events
that cause resumption from the SUSPEND3 state.
In this SUSPEND state, all clocks in the device are enabled and power consumption is similar to the NORMAL state.
However, it allows for power savings in the host CPU, which greatly exceeds that of the device. The driver may place
the device in this state after prolonged periods of not receiving any Ethernet traffic.
This state supports wakeup from GPIO assertion, PHY Link Up, and on reception of a frame passing the filtering con-
straints set by the MAC Control Register (MAC_CR). Due to the limited amount of RX FIFO buffering, it is possible that
there will be frames lost when in this state, as the USB resume time greatly exceeds the buffering capacity of the FIFO.
The Wake On LAN bit of the Wakeup Status (WUPS) field of the Power Management Control Register (PMT_CTL) is
used to signal wakeup due to reception of a frame passing the aforementioned filtering constraints. This bit, along with
the GPIO [10:0] (GPIOx_INT) bits of the Interrupt Status Register (INT_STS), may be examined to determine the
event(s) causing the wakeup. If GPIO7 is found to have caused the wakeup, the PHY Link Up Enable (PHY_LINK-
UP_EN) bit of the General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE) may be examined to deter-
mined whether a PHY Link Up event or pin event occurred.
Note:
Wake On LAN events must not be enabled in the Wakeup Control and Status Register (WUCSR) while
operating in the SUSPEND3 state. If any Wake On LAN event is enabled in WUCSR, all received frames
will be dropped. The setting of the Wake On LAN Enable (WOL_EN) bit of the Power Management Control
Register (PMT_CTL) is a “don’t care”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com