| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ELM329LSM bảng dữ liệu(PDF) 2 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM329LSM bảng dữ liệu(HTML) 2 Page - ELM Electronics |
|
2 / 87 page ![]() ELM329L Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com 2 of 87 ELM329L DSA The Basics Description................................................................................... 1 Features....................................................................................... 1 Applications..................................................................................1 Block Diagram..............................................................................1 Connection Diagram.................................................................... 1 Pin Descriptions........................................................................... 4 Unused Pins.................................................................................6 Absolute Maximum Ratings......................................................... 7 Electrical Characteristics..............................................................7 Using the ELM329 Overview...................................................................................... 9 Communicating with the ELM329................................................ 9 AT Commands........................................................................... 11 AT Command Summary.............................................................11 AT Command Descriptions........................................................ 13 Reading the Battery Voltage...................................................... 27 OBD Commands........................................................................ 28 Talking to the Vehicle.................................................................29 Interpreting Trouble Codes........................................................ 31 Resetting Trouble Codes........................................................... 32 Quick Guide for Reading Trouble Codes................................... 32 Selecting Protocols.................................................................... 33 OBD Message Formats..............................................................34 Setting the Header / ID Bits........................................................36 ISO 15765-4 Message Types.................................................... 38 Multiline Responses................................................................... 39 Multiple PID Requests................................................................40 Receive Filtering - the CRA command.......................................41 Using the Mask and Filter.......................................................... 42 Monitoring the Bus..................................................................... 43 Mixed ID (11 and 29 bit) Sending...............................................44 Restoring Order..........................................................................45 Advanced Features Using Higher RS232 Baud Rates...............................................46 Setting Timeouts - the AT ST and AT AT Commands............... 48 SAE J1939 Messages................................................................49 Using J1939............................................................................... 51 The FMS Standard.....................................................................55 The NMEA 2000 Standard......................................................... 55 Periodic (Wakeup) Messages.................................................... 56 Altering Flow Control Messages................................................ 57 Using CAN Extended Addresses............................................... 58 CAN Input Frequency Matching................................................. 59 CAN (Single Wire) Transceiver Modes...................................... 60 Contents |