| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST26VF032B bảng dữ liệu(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST26VF032B bảng dữ liệu(HTML) 41 Page - Microchip Technology |
|
41 / 77 page ![]() 2013-2016 Microchip Technology Inc. DS20005218E-page 41 SST26VF032B / SST26VF032BA 28 1D0000H - 1DFFFFH 64 KByte 27 1C0000H - 1CFFFFH 64 KByte 26 1B0000H - 1BFFFFH 64 KByte 25 1A0000H - 1AFFFFH 64 KByte 24 190000H - 19FFFFH 64 KByte 23 180000H - 18FFFFH 64 KByte 22 170000H - 17FFFFH 64 KByte 21 160000H - 16FFFFH 64 KByte 20 150000H - 15FFFFH 64 KByte 19 140000H - 14FFFFH 64 KByte 18 130000H - 13FFFFH 64 KByte 17 120000H - 12FFFFH 64 KByte 16 110000H - 11FFFFH 64 KByte 15 100000H - 10FFFFH 64 KByte 14 0F0000H - 0FFFFFH 64 KByte 13 0E0000H - 0EFFFFH 64 KByte 12 0D0000H - 0DFFFFH 64 KByte 11 0C0000H - 0CFFFFH 64 KByte 10 0B0000H - 0BFFFFH 64 KByte 9 0A0000H - 0AFFFFH 64 KByte 8 090000H - 09FFFFH 64 KByte 7080000H - 08FFFFH 64 KByte 6 070000H - 07FFFFH 64 KByte 5 060000H - 06FFFFH 64 KByte 4 050000H - 05FFFFH 64 KByte 3 040000H - 04FFFFH 64 KByte 2 030000H - 03FFFFH 64 KByte 1 020000H - 02FFFFH 64 KByte 0 010000H - 01FFFFH 64 KByte 1. The default state after a power-on reset is write-protected BPR[79:0] = 5555 FFFFFFFF FFFFFFFF FFFFFFFF 2. nVWLDR bits are one-time-programmable. Once a nVWLDR bit is set, the protection state of that particular block is perma- nently write-locked. TABLE 5-6: BLOCK-PROTECTION REGISTER FOR SST26VF032B/032BA (CONTINUED) (2 OF BPR Bits Address Range Protected Block Size Read Lock Write Lock/ nVWLDR2 |