| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9211 bảng dữ liệu(PDF) 55 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9211 bảng dữ liệu(HTML) 55 Page - SMSC Corporation |
|
55 / 147 page ![]() High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support Datasheet SMSC LAN9211 55 Revision 2.9 (03-01-12) DATASHEET 3.12.6 Transmit Examples 3.12.6.1 TX Example 1 In this example a single, 111-Byte Ethernet packet will be transmitted. This packet is divided into three buffers. The three buffers are as follows: Buffer 0: 7-Byte “Data Start Offset” 79-Bytes of payload data 16-Byte “Buffer End Alignment” Buffer 1: 0-Byte “Data Start Offset” 15-Bytes of payload data 16-Byte “Buffer End Alignment” Buffer 2: 10-Byte “Data Start Offset” 17-Bytes of payload data 16-Byte “Buffer End Alignment” |