công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN8741A bảng dữ liệu(PDF) 62 Page - Microchip Technology

tên linh kiện LAN8741A
Giải thích chi tiết về linh kiện  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A bảng dữ liệu(HTML) 62 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 58Page - Microchip Technology LAN8741A Datasheet HTML 59Page - Microchip Technology LAN8741A Datasheet HTML 60Page - Microchip Technology LAN8741A Datasheet HTML 61Page - Microchip Technology LAN8741A Datasheet HTML 62Page - Microchip Technology LAN8741A Datasheet HTML 63Page - Microchip Technology LAN8741A Datasheet HTML 64Page - Microchip Technology LAN8741A Datasheet HTML 65Page - Microchip Technology LAN8741A Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 62
2013-2015 Microchip Technology Inc.
4.2.17
INTERRUPT SOURCE FLAG REGISTER
Index (In Decimal):
29
Size:
16 bits
Bits
Description
Type
Default
15:8
RESERVED
RO
-
7
INT7
0 = Not source of interrupt
1 = ENERGYON generated
RO/LH
0b
6
INT6
0 = Not source of interrupt
1 = Auto-Negotiation complete
RO/LH
0b
5
INT5
0 = Not source of interrupt
1 = Remote Fault Detected
RO/LH
0b
4
INT4
0 = Not source of interrupt
1 = Link Down (link status negated)
RO/LH
0b
3
INT3
0 = Not source of interrupt
1 = Auto-Negotiation LP Acknowledge
RO/LH
0b
2
INT2
0 = Not source of interrupt
1 = Parallel Detection Fault
RO/LH
0b
1
INT1
0 = Not source of interrupt
1 = Auto-Negotiation Page Received
RO/LH
0b
0
RESERVED
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More