công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN8741A bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện LAN8741A
Giải thích chi tiết về linh kiện  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 19Page - Microchip Technology LAN8741A Datasheet HTML 20Page - Microchip Technology LAN8741A Datasheet HTML 21Page - Microchip Technology LAN8741A Datasheet HTML 22Page - Microchip Technology LAN8741A Datasheet HTML 23Page - Microchip Technology LAN8741A Datasheet HTML 24Page - Microchip Technology LAN8741A Datasheet HTML 25Page - Microchip Technology LAN8741A Datasheet HTML 26Page - Microchip Technology LAN8741A Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 23
LAN8741A/LAN8741Ai
3.3
HP Auto-MDIX Support
HP Auto-MDIX facilitates the use of CAT-3 (10BASE-T) or CAT-5 (100BASE-TX) media UTP interconnect cable without
consideration of interface wiring scheme. If a user plugs in either a direct connect LAN cable, or a cross-over patch
cable, as shown in Figure 3-4, the device’s Auto-MDIX transceiver is capable of configuring the TXP/TXN and RXP/RXN
pins for correct transceiver operation.
The internal logic of the device detects the TX and RX pins of the connecting device. Since the RX and TX line pairs
are interchangeable, special PCB design considerations are needed to accommodate the symmetrical magnetics and
termination of an Auto-MDIX design.
The Auto-MDIX function can be disabled via the AMDIXCTRL bit in the Special Control/Status Indications Register.
Note:
When operating in 10BASE-T or 100BASE-TX manual modes, the Auto-MDIX crossover time can be
extended via the Extend Manual 10/100 Auto-MDIX Crossover Time bit of the EDPD NLP/Crossover
Time/EEE Configuration Register. Refer to Section 4.2.12, "EDPD NLP/Crossover Time/EEE Configura-
tion Register" for additional information.
FIGURE 3-4:
DIRECT CABLE CONNECTION VS. CROSS-OVER CABLE CONNECTION
1
2
3
4
5
6
7
8
TXP
TXN
RXP
Not Used
Not Used
RXN
Not Used
Not Used
1
2
3
4
5
6
7
8
TXP
TXN
RXP
Not Used
Not Used
RXN
Not Used
Not Used
Direct Connect Cable
RJ-45 8-pin straight-through
for 10BASE-T/100BASE-TX
signaling
1
2
3
4
5
6
7
8
TXP
TXN
RXP
Not Used
Not Used
RXN
Not Used
Not Used
1
2
3
4
5
6
7
8
TXP
TXN
RXP
Not Used
Not Used
RXN
Not Used
Not Used
Cross-Over Cable
RJ-45 8-pin cross-over for
10BASE-T/100BASE-TX
signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com