| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP79401-I/MS bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79401-I/MS bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 62 page ![]() 2011-2016 Microchip Technology Inc. DS20005009F-page 7 MCP79400/MCP79401/MCP79402 2.0 TYPICAL PERFORMANCE CURVE FIGURE 2-1: TIMEKEEPING BACKUP CURRENT VS. BACKUP SUPPLY VOLTAGE Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data represented may be outside the specified operating range (e.g., outside specified power supply range) and therefore, outside the warranted range. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 1.30 1.90 2.50 3.10 3.70 4.30 4.90 5.50 VBAT Voltage (V) -40 25 85 TA = -40 °C TA = 25 °C TA = 85 °C |