| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP79401-I/MS bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79401-I/MS bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 62 page ![]() 2011-2016 Microchip Technology Inc. DS20005009F-page 3 MCP79400/MCP79401/MCP79402 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings (†) VCC.............................................................................................................................................................................6.5V All inputs and outputs (except SDA and SCL) w.r.t. VSS.....................................................................-0.6V to VCC +1.0V SDA and SCL w.r.t. VSS ............................................................................................................................... -0.6V to 6.5V Storage temperature ...............................................................................................................................-65°C to +150°C Ambient temperature with power applied................................................................................................-40°C to +125°C ESD protection on all pins........................................................................................................................................ ≥4kV † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. TABLE 1-1: DC CHARACTERISTICS DC CHARACTERISTICS Electrical Characteristics: Industrial (I): VCC = +1.8V to 5.5V TA = -40°C to +85°C Param. No. Symbol Characteristic Min. Typ.(2) Max. Units Conditions D1 VIH High-Level Input Voltage 0.7 VCC —— V D2 VIL Low-Level Input Voltage — — 0.3 VCC VVCC ≥ 2.5V —— 0.2 VCC VVCC <2.5V D3 VHYS Hysteresis of Schmitt Trigger Inputs (SDA, SCL pins) 0.05 VCC —— V Note 1 D4 VOL Low-Level Output Voltage (MFP, SDA pins) —— 0.40 V IOL =3.0 mA; VCC =4.5V IOL =2.1 mA; VCC =2.5V D5 ILI Input Leakage Current — — ±1 µA VIN =VSS or VCC D6 ILO Output Leakage Current — — ±1 µA VOUT =VSS or VCC D7 CIN, COUT Pin Capacitance (SDA, SCL, MFP pins) —— 10 pF VCC =5.0V (Note 1) TA = 25°C, f = 1 MHz D8 COSC Oscillator Pin Capacitance (X1, X2 pins) —3 — pF Note 1 D9 ICCEERD EEPROM Operating Current — — 400 µA VCC = 5.5V, SCL= 400kHz ICCEEWR —— 3 mA VCC =5.5V D10 ICCREAD SRAM/RTCC Register Operating Current — — 300 µA VCC = 5.5V, SCL= 400kHz ICCWRITE — — 400 µA VCC = 5.5V, SCL= 400kHz D11 ICCDAT VCC Data-Retention Current (oscillator off) — — 1 µA SCL, SDA, VCC =5.5V D12 ICCT Timekeeping Current — 1.2 — µA VCC =3.3V (Note 1) D13 VTRIP Power-Fail Switchover Voltage 1.3 1.5 1.7 V D14 VBAT Backup Supply Voltage Range 1.3 — 5.5 V Note 1 Note 1: This parameter is not tested but ensured by characterization. 2: Typical measurements taken at room temperature. |