| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN88730AM-C bảng dữ liệu(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN88730AM-C bảng dữ liệu(HTML) 72 Page - Microchip Technology |
|
72 / 82 page ![]() LAN88730 DS60001256B-page 72 2012-2015 Microchip Technology Inc. 3: The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as ±50 ppm. 4: The crystal must support 100 µW operation to utilize this circuit. 5: +85oC for grade A temperature range, +105oC for grade B temperature range 6: This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this value. The XTAL1/CLKIN pin, XTAL2 pin and PCB capacitance values are required to accurately calculate the value of the two external load capacitors (C1 and C2 in Figure 5-9). The external load capacitors, C1 and C2, determine the accuracy of the 25.000 MHz frequency. |