công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCS1002-2 bảng dữ liệu(PDF) 49 Page - Microchip Technology

tên linh kiện UCS1002-2
Giải thích chi tiết về linh kiện  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 bảng dữ liệu(HTML) 49 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 45Page - Microchip Technology UCS1002-2 Datasheet HTML 46Page - Microchip Technology UCS1002-2 Datasheet HTML 47Page - Microchip Technology UCS1002-2 Datasheet HTML 48Page - Microchip Technology UCS1002-2 Datasheet HTML 49Page - Microchip Technology UCS1002-2 Datasheet HTML 50Page - Microchip Technology UCS1002-2 Datasheet HTML 51Page - Microchip Technology UCS1002-2 Datasheet HTML 52Page - Microchip Technology UCS1002-2 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
49
Revision 1.4 (07-16-13)
DATASHEET
7.2.4.1
Trip Mode
When using trip current limiting, the UCS1002 USB port power switch functions as a low resistance
switch and rapidly turns off if the current limit is exceeded. While operating using trip current limiting,
the VBUS output voltage will be held relatively constant (equal to the VS voltage minus the RON * IBUS
current) for all current values up to the ILIM.
If the current drawn by a portable device exceeds ILIM, the following occurs:
1. The port power switch will be turned off (trip action).
2. The UCS1002 will enter the Error state and assert the ALERT# pin.
3. The fault handling circuitry will then determine subsequent actions.
Trip current limiting is used by default when the UCS1002 is in Data Pass-through and Dedicated
Charger Emulation Cycle (except when the BC1.2 DCP charger emulation profile is accepted), and
when there’s no handshake.
APPLICATION NOTE: To avoid cycling in trip mode, set ILIM higher than the highest expected portable device
current draw.
Figure 7.1 shows operation of current limits in trip mode with the shaded area representing the USB
2.0 specified VBUS range. Dashed lines indicate the port power switch output will go to zero (e.g., trip)
when ILIM is exceeded. Note that operation at all possible values of ILIM are shown in Figure 7.1 for
illustrative purposes only; in actual operation only one ILIM can be active at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More