công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB5734-I/MR bảng dữ liệu(PDF) 59 Page - Microchip Technology

tên linh kiện USB5734-I/MR
Giải thích chi tiết về linh kiện  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734-I/MR bảng dữ liệu(HTML) 59 Page - Microchip Technology

Back Button USB5734-I/MR Datasheet HTML 53Page - Microchip Technology USB5734-I/MR Datasheet HTML 54Page - Microchip Technology USB5734-I/MR Datasheet HTML 55Page - Microchip Technology USB5734-I/MR Datasheet HTML 56Page - Microchip Technology USB5734-I/MR Datasheet HTML 57Page - Microchip Technology USB5734-I/MR Datasheet HTML 58Page - Microchip Technology USB5734-I/MR Datasheet HTML 59Page - Microchip Technology USB5734-I/MR Datasheet HTML 60Page - Microchip Technology USB5734-I/MR Datasheet HTML 61Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
 2015-2016 Microchip Technology Inc.
DS00001854D-page 59
USB5734
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB5734
Tape and Reel
Option:
Blank = Standard packaging (tray)
T
= Tape and Reel (Note 1)
Temperature
Range:
Blank =
0
C to +70C
(Commercial)
I= -40
C to +85C
(Industrial)
Package:
MR
=
64-pin VQFN
Examples:
a)
USB5734/MR
Tray, Commercial temp., 64-pin VQFN
b)
USB5734-I/MR
Tray, Industrial temp., 64-pin VQFN
c)
USB5734T-I/MR
Tape & reel, Industrial temp., 64-pin VQFN
d)
USB5734T/MR
Tape & reel, Commercial temp., 64-pin VQFN
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
Device
Tape & Reel
/
Temperature
Range
XX
[X]
[-X]
Package
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com