công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB5734-I/MR bảng dữ liệu(PDF) 57 Page - Microchip Technology

tên linh kiện USB5734-I/MR
Giải thích chi tiết về linh kiện  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734-I/MR bảng dữ liệu(HTML) 57 Page - Microchip Technology

Back Button USB5734-I/MR Datasheet HTML 53Page - Microchip Technology USB5734-I/MR Datasheet HTML 54Page - Microchip Technology USB5734-I/MR Datasheet HTML 55Page - Microchip Technology USB5734-I/MR Datasheet HTML 56Page - Microchip Technology USB5734-I/MR Datasheet HTML 57Page - Microchip Technology USB5734-I/MR Datasheet HTML 58Page - Microchip Technology USB5734-I/MR Datasheet HTML 59Page - Microchip Technology USB5734-I/MR Datasheet HTML 60Page - Microchip Technology USB5734-I/MR Datasheet HTML 61Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
 2015-2016 Microchip Technology Inc.
DS00001854D-page 57
USB5734
Table 3-16, “Configuration 1 PROG_-
FUNC[7:1] Function Assignment,” on
page 20
Updated PROG_FUNC7 name in Configura-
tion 1 - Mixed Mode from SUSP_IND to
USB2_SUSP_IND and clarified description.
Section 3.4.5.6, "Configuration 6 - Full
UART Mode," on page 26
Added note: “When flow control is disabled,
UART_nCTS, UART_nDCD, and
UART_nDSR must not be left floating. In this
case, these pins should include external pull-
downs to maintain UART communication in
Full UART Mode with no flow control.”
Section 8.2, "FlexConnect," on
page 36
Updated second paragraph to clarify proper
FLEXCONNECT operation.
Section 8.5, "Remote Wakeup Indica-
tor," on page 38
Updated SUSP_IND to USB2_SUSP_IND
and clarified the function is for USB2.0 only.
DS00001854A (12-15-14)
All
Initial Release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com