| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB84604 bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB84604 bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 61 page ![]() 2014-2016 Microchip Technology Inc. DS60001295C-page 7 USB84604 2.0 PIN CONFIGURATION The pin configuration depends on the firmware loaded (1070, 1080). The package designators are: • USB84604 - Product • NNN - Internal code <R> - Product revision YYWW - Year and work week • TYWWNNA - Lot # • <COO> - Country of Origin • ^^ - e3 Pb free symbol FIGURE 2-1: 48-QFN PIN ASSIGNMENTS (1070, 1080) (TOP VIEW) 38 39 37 40 VDD12 41 FLEX_HSIC_UP_STROBE 43 XTAL2 44 XTAL1/REFCLK RBIAS VDDA33 VDDCOREREG FLEX_HSIC_UP_DATA 42 21 20 19 18 17 16 15 14 13 23 22 24 Indicates pins on the bottom of the device. FLEX_USBUP_DM/PRT_DIS_M0 FLEX_USBUP_DP/PRT_DIS_P0 PIO8 PRTPWR3/PIO43 OCS2_N/PIO18 PRTPWR2/PIO42 OCS1_N/PIO17 PRTPWR1/PIO41 SPI_DI/PIO9 PIO3 SOF/PIO1 VDDCR12 VDD33 SUSPEND/PIO0 45 47 48 46 VDDA33 NC USB84604 NNN<R>YYWW TYWWNNNA <COO> ^^ Ground Pad (must be connected to VSS) |