công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX80031 bảng dữ liệu(PDF) 19 Page - Melexis Microelectronic Systems

tên linh kiện MLX80031
Giải thích chi tiết về linh kiện  LIN System Basis ICs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80031 bảng dữ liệu(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX80031 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
MLX80050/51/30/31
LIN System Basis ICs
Datasheet
MLX80050/51/30/31 – Datasheet
Page 19
3901080050
Jun 2016
011
3.1. Supply Pin VS
VS is the operational voltage pin of MLX8005x/3x. The voltage range is VS = 6 to 18V. After switching on VS, the
MLX8003x/5x starts at Standby Mode and the VCC voltage regulator ramps up. An undervoltage detection unit prevent
an undefined operation for Vs < 4V.
VS- Power-ON
If VS is switched on, the MLX8003x/5x starts in Standby Mode. A combination of dynamic POR and under voltage reset
circuitry generates a POR signal, which switches the MLX8003x/5x on. This power on behaviour is independent from the
status of the EN-pin.
Power-on reset and under-voltage reset operate independent from each other, which secures the independence from
the rise time of VS.
3.2. EN input pin
The ENable input is the mode control pin of MLX8003x/5x in combination with the TxD input.
The MLX8003x/5x is switched into the Sleep Mode with a falling edge and into normal mode with a rising edge at the
EN pin. The state machine goes to Normal Mode after tRes (see also Table 4: AC Characteristics). The Normal Mode will
be kept as long as EN remains high.
The Normal Mode can be entered from Standby Mode, when the pin EN is driven HIGH. To prevent unwanted mode
transitions, the EN input contains a debounce filter as specified (tEN_deb).
The pin EN contains a weak pull down resistor. The input thresholds are compatible to 3.3V and 5V supply systems.
MLX80031/51:
Additionally the positive edge on pin EN results in an immediate reset of the active low interrupt on pin RxD as well as
the wake-up source recognition flag on pin TxD.
3.3. Ground pin GND
This is the reference pin of the IC. The absence of GND connection will not influence or disturb the communication be-
tween other LIN bus nodes.
3.4. LIN
This bidirectional pin consists of a low side driver in the output path and a high-voltage comparator in the input
path. Furthermore is integrated a LIN pull-up resistor between LIN and VS pin. Low side driver consist a cur-
rent limitation.
3.5. Receiver Output RxD
The pin RxD is a buffered open drain output. Output signals can be shifted by the external pull up resistor to 3.3V and
5V supply systems.
3.6. Transmit Input TxD
The transmit data stream of the LIN protocol controller applied to the pin TxD is converted into the LIN bus signal with
slew rate control in order to minimize electromagnetic emissions.
The pin TxD contains a weak pull up resistor. The input thresholds are compatible to 3.3V and 5V supply systems. To
enable the transmit path, the TxD pin has to be driven recessive (HIGH) after or during the normal mode has been en-
tered.
3.6.1. TxD dominant time-out feature
With the first dominant level on pin TxD after the transmit path has been enabled, the dominant time-out counter is
started. In case of a faulty blocked permanent dominant level on pin TxD the transmit path will be disabled after the
specified time tTxD_to. The time-out counter is reset by the first negative edge on pin TxD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com